Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ320C30GBM50 Datasheet(PDF) 10 Page - Texas Instruments

Part # SMJ320C30GBM50
Description  DIGITAL SIGNAL PROCESSOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C30GBM50 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SMJ320C30GBM50 Datasheet HTML 6Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 7Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 8Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 9Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 10Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 11Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 12Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 13Page - Texas Instruments SMJ320C30GBM50 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
SMJ320C30
DIGITAL SIGNAL PROCESSOR
SGUS014H -- FEBRUARY 1991 -- REVISED JUNE 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Pin Assignments
PIN
PIN
PIN
PIN
PIN
NUMBER
NUMBER
NUMBER
NUMBER
NUMBER
GB
PKG
HFG
PKG
NAME
GB
PKG
HFG
PKG
NAME
GB
PKG
HFG
PKG
NAME
GB
PKG
HFG
PKG
NAME
GB
PKG
HFG
PKG
NAME
F15
G12
G13
G14
G15
H15
H14
J15
J14
J13
K15
J12
K14
L15
K13
L14
M15
K12
L13
M14
N15
M13
L12
N14
E5
G1
H2
H1
J1
J2
D15
E3
E1
F1
G4
F2
F4
C4
D5
A2
A3
B4
82
81
80
79
78
77
72
71
70
69
68
67
66
65
63
62
61
60
59
58
57
56
55
54
170
171
176
177
178
88
157
164
167
166
165
158
144
143
142
141
140
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
LOCATOR/NC
IACK
INT0
INT1
INT2
INT3
MC/MP
MSTRB
RDY
RESET
R/W
STRB
IOSTRB
D0
D1
D2
D3
D4
C5
D6
A4
B5
C6
A5
B6
D7
A6
C7
B7
A7
A8
B8
A9
B9
C9
A10
D9
B10
A11
C10
B11
A12
D10
C11
B12
F3
E2
D2
D1
P3
R2
N4
M5
R1
R3
M3
P1
L4
N2
N1
139
138
137
136
135
134
133
132
131
130
129
128
127
122
121
120
119
118
117
116
115
113
112
111
110
109
108
161
160
156
159
4
7
5
6
3
8
191
194
192
193
190
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D30
D31
HOLD
HOLDA
XRDY
XR/W
FSR0
FSX0
CLKR0
CLKX0
DR0
DX0
FSR1
FSX1
CLKR1
CLKX1
DR1
P2
F14
E15
F13
E14
F12
C1
M6
B3
A1
C2
B1
P4
N5
G2
G3
D3
E4
H4
D8
M8
H12
N8
A13
A14
D11
C12
B13
A15
B15
C14
E12
D13
C15
D14
E13
J3
J4
K1
K2
L1
K3
195
83
84
85
86
87
155
11
145
146
152
151
9
10
169
168
154
153
123
73
74
124
27
107
106
105
104
103
102
95
94
93
92
91
90
89
179
180
181
182
183
184
DX1
EMU0
EMU1
EMU2
EMU3
EMU4/SHZ
EMU5
EMU6
H1
H3
X1
X2/CLKIN
TCLK0
TCLK1
XF0
XF1
VBBP
VSUBS
VDD}
VDD}
VDD}
VDD}
VSSw
XA0
XA1
XA2
XA3
XA4
XA5
XA6
XA7
XA8
XA9
XA10
XA11
XA12
RSV0
RSV1
RSV2
RSV3
RSV4
RSV5
L2
K4
M1
L3
M2
D12
H11
D4
E8
L8
M12
H5
M4
B2
P14
C8
H3
H13
R4
P5
N6
R5
P6
M7
R6
N7
P7
R7
P8
185
186
187
188
189
100
64
114
147
15
16
49
162
163
1
51
52
25
26
172
173
28
75
76
125
126
149
150
174
175
99
12
13
14
17
18
19
20
21
22
23
24
RSV6
RSV7
RSV8
RSV9
RSV10
ADVDD{
ADVDD{
DDVDD{
DDVDD{
IODVDD{
IODVDD{
IODVDD{
MDVDD{
MDVDD{
PDVDD{
CVSSw
CVSSw
VDD}
VDD}
VDD}
VDD}
VSSw
VSSw
VSSw
VSSw
VSSw
VSSw
VSSw
VSSw
VSSw
VSUBS
XD0
XD1
XD2
XD3
XD4
XD5
XD6
XD7
XD8
XD9
XD10
R8
R9
P9
N9
R10
M9
P10
R11
N10
P11
R12
M10
N11
P12
R13
R14
M11
N12
P13
R15
P15
C3
C13
N3
N13
B14
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
53
2
101
50
98
148
196
96
97
XD11
XD12
XD13
XD14
XD15
XD16
XD17
XD18
XD19
XD20
XD21
XD22
XD23
XD24
XD25
XD26
XD27
XD28
XD29
XD30
XD31
DVDD
DVDD
DVSSW
DVSSW
DVSSW
DVSSW
IVSSw
IVSSw
ADVDD, DDVDD,IODVDD,MDVDD, and PDVDD are on a common plane internal to the device.
VDD is on a common plane internal to the device.
§ VSS,CVSS, and IVSS are on a common plane internal to the device.
DVSS is on a common plane internal to the device.


Similar Part No. - SMJ320C30GBM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30GBM50 TI-SMJ320C30GBM50 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C30GBM50 TI1-SMJ320C30GBM50 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C30GBM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com