Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C181J5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C181J5GACTU
Description  Ceramic, SMD Comm C0G, 180 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C181J5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C181J5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 7/19/2017 - 63b60e07-7ea7-4b7b-83f1-a0efd3d76ea6
KEMET Part Number: C1206C181J5GACTU
(C1206C181J5GAC7800)
Ceramic, SMD Comm C0G, 180 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
0.78mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: SMD Comm C0G
Chip Size: 1206
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Specifications
Capacitance: 180 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1% 1MHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C181J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C181J1GACTU KEMET-C1206C181J1GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 180 pF, /-5% Tol, 100 V, C0G, 1206 (3216 metric)
C1206C181JBGACAUTO KEMET-C1206C181JBGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G HV, Ceramic, 180 pF, 5%, 630 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1206C181JDGACTU KEMET-C1206C181JDGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 180 pF, /-5% Tol, 1000 V, C0G, 1206 (3216 metric)
C1206C181JGGACAUTO KEMET-C1206C181JGGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G HV, Ceramic, 180 pF, 5%, 2,000 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1206C181JGGACTU KEMET-C1206C181JGGACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 180 pF, /-5% Tol, 2000 V, C0G, 1206 (3216 metric)
More results

Similar Description - C1206C181J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C391J5GACTU KEMET-C1206C391J5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 390 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C821J5GACTU KEMET-C1206C821J5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 820 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C122J5GACTU KEMET-C1206C122J5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 1200 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C822J5GACTU KEMET-C1206C822J5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 8200 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C182J5GACTU KEMET-C1206C182J5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 1800 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C392J5GACTU KEMET-C1206C392J5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 3900 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C682J5GACTU KEMET-C1206C682J5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 6800 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C560J5GACTU KEMET-C1206C560J5GACTU Datasheet
63Kb / 1P
   SMD Comm C0G, Ceramic, 56 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C0603C181F5GACTU KEMET-C0603C181F5GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 180 pF, 1%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0805C181G5GACTU KEMET-C0805C181G5GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 180 pF, 2%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com