Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR15BTN Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WR15BTN
Description  General Specifications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR15BTN Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR15BTN Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR15BTN Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR15BTN Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR15BTN Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR15BTN Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series WR
Environmentally Sealed Rockers
B128
B
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
WR13AF
WR11 model does not have terminal 1.
.250” (6.35mm) Quick Connect Terminals
WR15BL
WR11 model does not have terminal 1.
Wire Lead Terminals
Panel Thickness
.039” ~ .157”
(1.0mm ~ 4.0mm)
Panel Thickness
.039” ~ .157”
(1.0mm ~ 4.0mm)
STANDARD WIRE COLOR SCHEME
Terminal Numbers & Wire Colors
1a
1
1b
WR11
Black
White
WR12-19
White
Black
Red
Wire leads are covered with heat
resistant vinyl in accordance with
UL 1015 and CSA TEW 105
Standards for Appliance Wiring
Material (AWM).
(34.2)
1.346
(25.4)
1.00
(39.5)
1.555
(200.0)
7.874
(10.0)
.394
(20.0)
24°
(2.5)
.098
+–
(7.8)
.307
(41.0)
1.614
(30.0)
1.181
(12.9)
.508
(24.0)
.945
NKK P/N This Side
(17.2)
.677
1a
1b
1
(17.2)
.677
(34.2)
1.346
+ 0.3
– 0.0
+ 0.3
– 0.0
(17.2)
.677
(34.2)
1.346
+ 0.3
– 0.0
+ 0.3
– 0.0
(34.2)
1.346
(41.35)
1.628
(2.5)
.098
(7.8)
.307
24˚
(10.75)
.423
(25.4)
1.00
(1.65)
.065
Dia Typ
(0.8)
.031
Typ
(7.95)
.313
(6.35)
.250
(7.5)
.295
(3.95)
.156
(28.8)
1.134
(15.8)
.622
(17.2)
.677
1a
1b
(22.6)
.890
(3.6)
.142
1
(41.0)
1.614
(30.0)
1.181
(12.9)
.508
(24.0)
.945
NKK P/N This Side


Similar Part No. - WR15BTN

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
WR15BTN NKK-WR15BTN Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
More results

Similar Description - WR15BTN

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com