Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L349 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L349
Description  Three Phase Rectifier Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L349 Datasheet(HTML) 1 Page - IXYS Corporation

  L349 Datasheet HTML 1Page - IXYS Corporation L349 Datasheet HTML 2Page - IXYS Corporation L349 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2002 IXYS All rights reserved
1 - 3
I
R
V
R = VRRM,TVJ =25°C0.3
mA
V
R = VRRM,TVJ = 150°C5
mA
V
F
I
F = 150 A,
T
VJ =25°C
VUO 120
1.59
V
VUO 155
1.49
V
V
F0
For power-loss calculations only VUO 120
0.80
V
VUO 155
0.75
V
r
T
T
VJ = 150°C
VUO 120
6.1
m
VUO 155
4.6
m
R
thJC
per diode
VUO 120
1.0 K/W
VUO 155
0.8 K/W
R
thJH
VUO 120
1.3 K/W
VUO 155
1.1 K/W
R
25 (option)
Siemens S 891/2,2/+9
2.2
k
Symbol
Test Conditions
Maximum Ratings
VUO 120
VUO155
V
RRM
1200/1600
1200/1600
V
I
dAVM
T
C
= 75
°C, sinusoidal 120°
121
157
A
I
FSM
T
VJ
= 45
°C,
t = 10 ms, V
R = 0 V
650
850
A
T
VJ
= 150
°C,
t = 10 ms, V
R = 0 V
580
760
A
I2t
T
VJ
= 45
°C,
t = 10 ms, V
R = 0 V
2110
3610
A
T
VJ
= 150
°C,
t = 10 ms, V
R = 0V
1680
2880
A
P
tot
T
C
= 25
°C per diode
150
190
W
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 unf)
18-22
lb.in.
d
S
Creep distance on surface
12.7
mm
d
A
Strike distance in air
9.4
mm
a
Maximum allowable acceleration
50
m/s2
Weight
typ.
80
g
I
dAVM
= 121/157 A
V
RRM = 1200-1600 V
V
RRM
Type
V
RRM
Type
V
V
1200 VUO 120-12 NO1
1600 VUO 120-16 NO1
1200 VUO 155-12 NO1
1600 VUO 155-16 NO1
Features
Soldering connections for PCB
mounting
Isolation voltage 3600 V~
Convenient package outline
UL registered E 72873
Case and potting UL94 V-0
Applications
Input Rectifier for Drive Inverters
Advantages
Easy to mount with two screws
Suitable for wave soldering
High temperature and power cycling
capability
Dimensions in mm (1 mm = 0.0394")
IXYS reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
VUO 120
VUO 155
Three Phase
Rectifier Bridge
option
M1/O1
M10/O10
W5
W6
A6
E6
K6


Similar Part No. - L349

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L341 CRYDOM-L341 Datasheet
585Kb / 4P
   Power Modules
L341F CRYDOM-L341F Datasheet
585Kb / 4P
   Power Modules
L342 CRYDOM-L342 Datasheet
585Kb / 4P
   Power Modules
logo
Connor-Winfield Corpora...
L342-155.52 CONNOR-WINFIELD-L342-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Crydom Inc.,
L342F CRYDOM-L342F Datasheet
585Kb / 4P
   Power Modules
More results

Similar Description - L349

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
   Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
   Three Phase Rectifier Bridge
VUO50 IXYS-VUO50 Datasheet
73Kb / 2P
   Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
   Three Phase Rectifier Bridge
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
   Three Phase Rectifier Bridge
VBO36-12NO8 IXYS-VBO36-12NO8 Datasheet
298Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A_15 Datasheet
100Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
RA0089 SSDI-RA0089_15 Datasheet
228Kb / 2P
   THREE PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MDS200 YANGJIE-MDS200 Datasheet
50Kb / 3P
   Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com