Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300Z75 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 300Z75
Description  300W Zener Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

300Z75 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  300Z75 Datasheet HTML 1Page - Naina Semiconductor ltd. 300Z75 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
300Z, 301Z
Series
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
300W Zener Type
Power Surge Suppressor
Features
Glass passivated junction
Zener type suppressor
Superior clamping ability
Metric and UNF thread type
Mechanical Characteristics
Hermetically sealed DO-9 outline
External surfaces corrosion resistant & terminal Solderable
Weight: 16 grams
Torque Setting: 3.5 Nm
Applications
Voltage regulators
Voltage surge suppressors
Voltage clippers
Ordering Table
300Z
34.5
-
1
2
3
1 – Wattage
>
300Z = 300W
>
301Z = 300W
2 – Voltage (See Voltage Ratings Table)
3 – Tolerance
>
None = 20%
>
A = 10%
>
B = 5%
ALL DIMENSIONS IN MM


Similar Part No. - 300Z75

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
300Z75 NAINA-300Z75 Datasheet
157Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
New Jersey Semi-Conduct...
300Z75 NJSEMI-300Z75 Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
Naina Semiconductor ltd...
300Z75A NAINA-300Z75A Datasheet
157Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
New Jersey Semi-Conduct...
300Z75A NJSEMI-300Z75A Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
Naina Semiconductor ltd...
300Z75B NAINA-300Z75B Datasheet
157Kb / 2P
   300W Zener Type Power Surge Suppressor
More results

Similar Description - 300Z75

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
300Z NAINA-300Z Datasheet
157Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
New Jersey Semi-Conduct...
300Z NJSEMI-300Z Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
Mean Well Enterprises C...
RPS-300 MEANWELL-RPS-300 Datasheet
1Mb / 2P
   300W Single Output Medical Type
MSP-300 MEANWELL-MSP-300 Datasheet
142Kb / 4P
   300W Single Output Medical Type
logo
Good Will Instrument Co...
PEL-3000E GWINSTEK-PEL-3000E Datasheet
805Kb / 2P
   300W
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
   300W300W Redundant Power Supply
logo
Total Power Internation...
TPSUU-300 TOTAL-POWER-TPSUU-300 Datasheet
331Kb / 2P
   300W U Bracket Type I.T.E. Power Supplies
TPIUU-300 TOTAL-POWER-TPIUU-300 Datasheet
333Kb / 2P
   300W U Bracket Type Industrial Power Supplies
logo
ETA-USA
FHF-SX ETA-USA-FHF-SX Datasheet
1Mb / 4P
   300W Open Frame
logo
SeCoS Halbleitertechnol...
SMD03 SECOS-SMD03 Datasheet
630Kb / 2P
   300W TVS DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com