Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDD57 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NDD57
Description  Diode-Diode Module, 60 Amps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NDD57 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NDD57 Datasheet HTML 1Page - Naina Semiconductor ltd. NDD57 Datasheet HTML 2Page - Naina Semiconductor ltd. NDD57 Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Naina Semiconductor Ltd.
NDD57
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Diode-Diode Module, 60 Amps
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Low thermal resistance
Voltage Ratings (TA = 25oC, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
VRSM, Maximum non-
repetitive peak reverse
voltage
(V)
VDRM, Maximum
repetitive peak off-
state voltage
(V)
IRRM, Maximum
reverse leakage
current @ TJMAX
(mA)
60
600
700
600
80
800
900
800
100
1000
1100
1000
NDD57
120
1200
1300
1200
max. 4
140
1400
1500
1400
160
1600
1700
1600
180
1800
1900
1800
Electrical Characteristics (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Values
Units
Maximum average forward current @ TJ = 850C
IF(AV)
60
A
Maximum average RMS forward current
IF(RMS)
94
A
Maximum non-repetitive surge current
IFSM
1100
A
Maximum I2t for fusing
I2t
6100
A2s
Forward voltage drop
VFM
max. 1.6
V
Isolation voltage
VISO
3000
V
Thermal & Mechanical Specifications (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Values
Units
Operating junction temperature range
TJ
-40 to +125
0C
Storage temperature
Tstg
-40 to +125
0C
Thermal resistance, junction to case
Rth(JC)
0.5
0C/W
Mounting torque
to heatsink
F
4 ± 15%
Nm
to terminals
3 ± 15%
Weight
W
100
g


Similar Part No. - NDD57

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NDD57A NAINA-NDD57A Datasheet
173Kb / 3P
   Diode-Diode Module, 60 Amps
More results

Similar Description - NDD57

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NDD57A NAINA-NDD57A Datasheet
173Kb / 3P
   Diode-Diode Module, 60 Amps
NDD26A NAINA-NDD26A Datasheet
172Kb / 3P
   Diode-Diode Module, 31 Amps
NDD46A NAINA-NDD46A Datasheet
180Kb / 3P
   Diode-Diode Module, 47 Amps
NDD162C NAINA-NDD162C Datasheet
203Kb / 3P
   Diode-Diode Module, 195 Amps
NDD100 NAINA-NDD100 Datasheet
215Kb / 3P
   Diode-Diode Module, 100 Amps
NDD212C NAINA-NDD212C Datasheet
202Kb / 3P
   Diode-Diode Module, 212 Amps
NDD132 NAINA-NDD132 Datasheet
213Kb / 3P
   Diode-Diode Module, 130 Amps
NDD212 NAINA-NDD212 Datasheet
205Kb / 3P
   Diode-Diode Module, 212 Amps
NDD81B NAINA-NDD81B Datasheet
174Kb / 3P
   Diode-Diode Module, 82 Amps
NDD81 NAINA-NDD81 Datasheet
216Kb / 3P
   Diode-Diode Module, 82 Amps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com