Electronic Components Datasheet Search |
|
MLW3010-12DB1A Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
MLW3010-12DB1A Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
1 / 7 page Series MLW Snap-in Miniature Rockers B106 B www.nkkswitches.com General Specifications Electrical Capacity Power Level: 5A @ 125V AC, 3A @ 250V AC, & 3A @ 30V DC Other Ratings Contact Resistance: 10 milliohms maximum Insulation Resistance: 200 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 30,000 operations minimum Electrical Life: 10,000 operations minimum Nominal Operating Force: 9.94N for rockers & 4.41N for paddles Angle of Throw: 24° for On-None-(On); 28° for all other circuits Materials & Finishes Housing: Stainless steel Movable Contacts: Silver alloy Stationary Contacts: Silver Base: Phenolic resin Common Terminal: Copper with silver plating End Terminals: Copper with silver plating Lamp Terminals: Phosphor bronze with nickel plating Environmental Data Operating Temperature Range: –10°C through +50°C (+14°F through +122°F) Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 3 right angled directions, with 3 shocks in each direction) Installation Cap Installation Force: 9.80N (2.2 lbf) for rockers; 19.61N (4.4 lbf) for paddle Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section. Standards & Certifications UL: File No. E44145 - Recognized only when ordered with marking on switch. Add “/U” or “/CUL” before first dash in part number to order UL recognized switch. All models recognized at 5A @ 125V AC & 3A @ 250V AC. |
Similar Part No. - MLW3010-12DB1A |
|
Similar Description - MLW3010-12DB1A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |