Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE15030 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE15030
Description  Integrated Circuit CMOS, Color Processing Circuit for VCR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15030 Datasheet(HTML) 1 Page - NTE Electronics

  NTE15030 Datasheet HTML 1Page - NTE Electronics NTE15030 Datasheet HTML 2Page - NTE Electronics NTE15030 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE15030
Integrated Circuit
CMOS, Color Processing Circuit for VCR
Description:
The NTE15030 is a CMOS LSI integrated circuit in an 18–Lead DIP type package designed for use
in VCR color signal processing circuits for VHS system video tape recorders. This device is used in
configuration with the NTE1813 for color signal processing in 2, 4, and 6Hr modes in NTSC VCR sys-
tems.
Features:
D In Recording, a Video Color Signal can be Converted into a Low–Frequency Video Color Signal
by AFC and REC APC.
D In Playback, the Low–Frequency Color Signal can be Converted into the Original Video Color
Signal on the Color Subcarrier Wave Frequency by PB APC and the Side Lock Detect Circuit.
D The NTE1814 Contains the Following Functions:
Rotary Circuit
DPLL (Digital Phase Locked Loop) Circuit
Side Lock Detect Circuit
Field Start Inhibit Pulse Generating Circuit
Burst Adjust Pulse Generating Circuit
Burst Gate Pulse Generating Circuit
Monostable Multivibrator Circuit
Phase Comparator
D Can be Miniaturized and Simplified with High Reliability
D Low Power Dissipation: 15mW @ 5V
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VDD
–0.3 to +8.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VI
–0.3V to VDD+0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Votage, VO
–0.3V to VDD+0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–10
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to + 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (VSS = 0V, TA = +25°C ±2°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
4.5
5.0
5.5
V
VCO Input Operating Frequency
fVCO
NTSC
5.03
MHz
VCO Input Amplitude
VVCO
C cut (C = 1000pF) Sine Wave Input
0.3
0.5
VP–P


Similar Part No. - NTE15030

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1503 NTE-NTE1503 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Logarithmic Response
NTE15031 NTE-NTE15031 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE15032 NTE-NTE15032 Datasheet
22Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15033 NTE-NTE15033 Datasheet
22Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15034 NTE-NTE15034 Datasheet
20Kb / 2P
   Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
More results

Similar Description - NTE15030

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1814 NTE-NTE1814 Datasheet
24Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1266 NTE-NTE1266 Datasheet
20Kb / 2P
   Integrated Circuit Color AGC Circuit for VCR
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
   Integrated Circuit Color ACC Circuit for VCR
NTE1408 NTE-NTE1408 Datasheet
24Kb / 2P
   Integrated Circuit CMOS, Color Signal Processor for VCR
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
   Integrated Circuit Color TV Processing Circuit
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
NTE1581 NTE-NTE1581 Datasheet
82Kb / 2P
   Integrated Circuit CMOS, Frequency Divider/Counter for VCR
NTE1710 NTE-NTE1710 Datasheet
24Kb / 3P
   Integrated Circuit Record/Playback Circuit for VCR
NTE1689 NTE-NTE1689 Datasheet
21Kb / 2P
   Integrated Circuit Head Amp Circuit for VCR
NTE1264 NTE-NTE1264 Datasheet
21Kb / 2P
   Integrated Circuit Video AGC Circuit for VCR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com