Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8673ED18BGK-675I Datasheet(PDF) 9 Page - GSI Technology

Part # GS8673ED18BGK-675I
Description  72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673ED18BGK-675I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS8673ED18BGK-675I Datasheet HTML 5Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 6Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 7Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 8Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 9Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 10Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 11Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 12Page - GSI Technology GS8673ED18BGK-675I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
GS8673ED18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
9/31
© 2011, GSI Technology
Functional Description
Separate I/O ECCRAMs, from a system architecture point of view, are attractive in applications that execute continuous
back-to-back alternating Reads and Writes. Therefore, the SigmaQuad-IIIe ECCRAM interface and truth table are optimized for
continuously alternating Reads and Writes. Separate I/O ECCRAMs are unpopular in applications where block transfers of Reads
or Writes are needed because half of the data pins will go unused during the block transfer, potentially cutting Separate I/O
ECCRAM data bandwidth in half. Applications of this sort are better served by Common I/O ECCRAMs such as the
SigmaDDR-IIIe series.
Truth Table
Previous
Operation
SA
R
W
Current
Operation
D
Q
(tn–1)
↑CK
(tn)
↑CK
(tn)
↑CK
(tn)
(tn)
↑KD
(tn+1)
↑KD
(tn+1½)
↑KD
(tn+2)
↑KD
(tn+2½)
↑CK
(tm)
↑CK
(tm+180º)
↑CK
(tm+1)
↑CK
(tm+1+180º)
NOP
X
1
1
NOP
X
X
Hi-Z/0
Hi-Z/0
Write
X
1
X
NOP
D3
D4
Hi-Z/0
Hi-Z/0
Read
X
X
1
NOP
X
X
Q3
Q4
NOP
V
1
0
Write
D1
D2
D3
D4
Hi-Z/0
Hi-Z/0
Read
V
X
0
Write
D1
D2
D3
D4
Q3
Q4
NOP
V
0
X
Read
X
X
Q1
Q2
Q3
Q4
Write
V
0
X
Read
D3
D4
Q1
Q2
Q3
Q4
Notes:
1. 1 = input High; 0 = input Low; V = input valid; X = input don’t care.
2. tm= tn + RL, where RL = Read Latency of the device.
3. D1, D2, D3, and D4 indicate the first, second, third, and fourth pieces of Write Data transferred during Write operations.
4. Q1, Q2, Q3, and Q4 indicate the first, second, third, and fourth pieces of Read Data transferred during Read operations.
5. When D input termination is disabled (MZT[1:0] = 00), Q drivers are disabled (i.e. Q pins are tri-stated) for one cycle in response to NOP and
Write commands, RL cycles after the command is sampled, except when preceded by a Read command.
6. When D input termination is enabled (MZT[1:0] = 01 or 10), Q drivers are enabled Low (i.e. Q pins are driven Low) for one cycle in response
to NOP and Write commands, RL cycles after the command is sampled, except when preceded by a Read command. This is done so the
Memory Controller can enable On-Die Termination on its data inputs without having to cope with the termination pulling tri-stated data inputs
to VDDQ/2 (i.e., to the switch point of the data input receivers).


Similar Part No. - GS8673ED18BGK-675I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED18BGK-675 GSI-GS8673ED18BGK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
More results

Similar Description - GS8673ED18BGK-675I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18 GSI-GS8673EQ18 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BGK-675I GSI-GS8673ED36BGK-675I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-625S GSI-GS8673ED18BGK-625S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BGK-500I GSI-GS8673ED36BGK-500I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-675 GSI-GS8673ED18BGK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BGK-625I GSI-GS8673ED36BGK-625I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BK-675 GSI-GS8673ED36BK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com