Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4576C09GL-25 Datasheet(PDF) 11 Page - GSI Technology

Part # GS4576C09GL-25
Description  576Mb CIO Low Latency DRAM (LLDRAM II)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4576C09GL-25 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS4576C09GL-25 Datasheet HTML 7Page - GSI Technology GS4576C09GL-25 Datasheet HTML 8Page - GSI Technology GS4576C09GL-25 Datasheet HTML 9Page - GSI Technology GS4576C09GL-25 Datasheet HTML 10Page - GSI Technology GS4576C09GL-25 Datasheet HTML 11Page - GSI Technology GS4576C09GL-25 Datasheet HTML 12Page - GSI Technology GS4576C09GL-25 Datasheet HTML 13Page - GSI Technology GS4576C09GL-25 Datasheet HTML 14Page - GSI Technology GS4576C09GL-25 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
GS4576C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 11/2013
11/62
© 2011, GSI Technology
On–Die Termination (ODT)
Mode Register Bit 9 (M9) set to 1 during an MRS command enables ODT. With ODT on, the DQs and DM are terminated to VTT
with a resistance, RTT. Command, address, QVLD, and clock signals are not terminated. The diagram below shows the equivalent
circuit of a DQ receiver with ODT. When a tri-stated DQ begins to drive, the ODT function is briefly switched off. When a DQ
stops driving at the end of a data transfer, ODT is switched back on. Two-state DM pin never deactivates ODT.
On–Die Termination DC Parameters
Description
Symbol
Min
Max
Units
Notes
Termination Voltage
VTT
0.95 * VREF
1.05 * VREF
V
1, 2
On–Die Termination
RTT
125
185
3
Notes:
1. All voltages referenced to VSS (GND).
2. VTT is expected to be set equal to VREF and must track variations in the DC level of VREF.
3. The RTT value is measured at 95°C TC.
VTT
SW
RTT
Receiver
DQ
VREF
On–Die Termination–Equivalent Circuit


Similar Part No. - GS4576C09GL-25

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
More results

Similar Description - GS4576C09GL-25

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4288C09 GSI-GS4288C09 Datasheet
2Mb / 62P
   32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Renesas Technology Corp
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com