Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71116AGU-8I Datasheet(PDF) 6 Page - GSI Technology

Part # GS71116AGU-8I
Description  64K x 16 1Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71116AGU-8I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS71116AGU-8I Datasheet HTML 2Page - GSI Technology GS71116AGU-8I Datasheet HTML 3Page - GSI Technology GS71116AGU-8I Datasheet HTML 4Page - GSI Technology GS71116AGU-8I Datasheet HTML 5Page - GSI Technology GS71116AGU-8I Datasheet HTML 6Page - GSI Technology GS71116AGU-8I Datasheet HTML 7Page - GSI Technology GS71116AGU-8I Datasheet HTML 8Page - GSI Technology GS71116AGU-8I Datasheet HTML 9Page - GSI Technology GS71116AGU-8I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GS71116AGP/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.10 1/2013
6/13
© 2001, GSI Technology
AC Characteristics
Read Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
7
8
10
12
ns
Address access time
tAA
7
8
10
12
ns
Chip enable access time (CE)
tAC
7
8
10
12
ns
Byte enable access time (UB, LB)
tAB
3
3.5
4
5
ns
Output enable to output valid (OE)
tOE
3
3.5
4
5
ns
Output hold from address change
tOH
3
3
3
3
ns
Chip enable to output in low Z (CE)
t *
3
3
3
3
ns
Output enable to output in low Z (OE)
t *
0
0
0
0
ns
Byte enable to output in low Z (UB, LB)
t *
0
0
0
0
ns
Chip disable to output in High Z (CE)
t *
3.5
4
5
6
ns
Output disable to output in High Z (OE)
t
*
3
3.5
4
5
ns
Byte disable to output in High Z (UB, LB)
t
*
3
3.5
3.5
3.5
* These parameters are sampled and are not 100% tested.
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid
Read Cycle 1: CE = OE = VIL, WE = VIH, UB and, or LB = VIL
LZ
OLZ
BLZ
HZ
OHZ
BHZ


Similar Part No. - GS71116AGU-8I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116AGU-8I ETC1-GS71116AGU-8I Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
More results

Similar Description - GS71116AGU-8I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71024 GSI-GS71024 Datasheet
278Kb / 13P
   64K x 24 1.5Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com