Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK-3R04BRCZ-ES Datasheet(PDF) 1 Page - DDK Ltd.

Part # DK-3R04BRCZ-ES
Description  Industrial waterproof rectangular connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DK-3R04BRCZ-ES Datasheet(HTML) 1 Page - DDK Ltd.

  DK-3R04BRCZ-ES Datasheet HTML 1Page - DDK Ltd. DK-3R04BRCZ-ES Datasheet HTML 2Page - DDK Ltd. DK-3R04BRCZ-ES Datasheet HTML 3Page - DDK Ltd. DK-3R04BRCZ-ES Datasheet HTML 4Page - DDK Ltd. DK-3R04BRCZ-ES Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
◆ Waterproof rectangular connector was developed
for connecting industrial equipment.
◆ Crimp termination contacts are the same as those
of DK-3000 series.
◆ Plug, Cable Connecting, offers a receptacle and the receptacle shell shape tab. key can be changed
for wrong insertion prevention, so it's possible to combine a colorful connector.
◆ DK-3 has one touch locking lever mechanism and a locking supporting system.
Pushing contacts in the direction of the mating half makes the connectors automatically
and temporarily locked and you can mate the connectors easily.
FA equipment (internal and external), robots, servo motors, medical equipment,
communication equipment, OA equipment, various other electrical equipment
Item
DK-3 Series
Rated Voltage
250V AC(r.m.s.)/600V DC
Rated Current
15A max. / Contact
Dielectric Withstanding Voltage 2,200V AC(r.m.s.)/ 1minute
Insulation Resistance
1,000M Ω min. at 500V DC
Contact Resistance
10m Ω max.
Contact Pitch
5.0mm
Applicable Cable Size
AWG 16 ー 28
Waterproof Rating
IP67
Number of Contacts
4 Pin
  Item
 Materials / Finishes
Contact
Copper Alloy / Au over Ni Plating
Housing
PBT Resin(UL94V-0) / Black
Shell / Hood
Aluminum Alloy and Zinc Alloy
DK-3 Series(4 Pin)Type
Industrial waterproof rectangular connector
RoHS
Compliant
RoHS
Compliant
130110
OUTLINE
APPLICATIONS
SPECIFICATIONS
SAFETY STANDARD
MATERIALS / FINISH


Similar Part No. - DK-3R04BRCZ-ES

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-3REC2LLP1-100 DDK-DK-3REC2LLP1-100 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3REC2LLP1-E-100 DDK-DK-3REC2LLP1-E-100 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3REC2LST1-3000 DDK-DK-3REC2LST1-3000 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3RECLLP1-100 DDK-DK-3RECLLP1-100 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3RECLLP1-E-100 DDK-DK-3RECLLP1-E-100 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
More results

Similar Description - DK-3R04BRCZ-ES

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-2P12CRC-S DDK-DK-2P12CRC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3RECSST1-4000 DDK-DK-3RECSST1-4000 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DIS30L-SP42P DDK-DIS30L-SP42P Datasheet
830Kb / 4P
   Waterproof Industrial Rectangular Connector
DK-2P36FRC-S DDK-DK-2P36FRC-S Datasheet
1Mb / 4P
   Industrial waterproof rectangular connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
   Waterproof In-line Connector for Industrial Machinery
logo
List of Unclassifed Man...
KDM20-07 ETC2-KDM20-07 Datasheet
320Kb / 3P
   Rectangular Multi-connector
logo
Molex Electronics Ltd.
0551244331 MOLEX7-0551244331 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 18 AWG, Blue Retainer
0593190028 MOLEX7-0593190028 Datasheet
112Kb / 3P
   HMC??Rectangular Industrial Female Terminal, Multi-Module Type, Reel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com