Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81282Z18GB-250 Datasheet(PDF) 4 Page - GSI Technology

Part # GS81282Z18GB-250
Description  144Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81282Z18GB-250 Datasheet(HTML) 4 Page - GSI Technology

  GS81282Z18GB-250 Datasheet HTML 1Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 2Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 3Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 4Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 5Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 6Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 7Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 8Page - GSI Technology GS81282Z18GB-250 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
GS81282Z18/36(GB/GD)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 5/2017
4/34
© 2015, GSI Technology
GS81282Z18/36 119-Bump BGA Pin Description
Symbol
Type
Description
A0, A1
I
Address field LSBs and Address Counter Preset Inputs
An
I
Address Inputs
DQA
DQB
DQC
DQD
I/O
Data Input and Output pins
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low
NC
No Connect
CK
I
Clock Input Signal; active high
CKE
I
Clock Enable; active low
W
I
Write Enable; active low
E1
I
Chip Enable; active low
E3
I
Chip Enable; active low
E2
I
Chip Enable; active high
G
I
Output Enable; active low
ADV
I
Burst address counter advance enable
ZZ
I
Sleep mode control; active high
FT
I
Flow Through or Pipeline mode; active low
LBO
I
Linear Burst Order mode; active low
ZQ
I
FLXDrive Output Impedance Control
Low = Low Impedance [High Drive], High = High Impedance [Low Drive])
TMS
I
Scan Test Mode Select
TDI
I
Scan Test Data In
TDO
O
Scan Test Data Out
TCK
I
Scan Test Clock
VDD
I
Core power supply
VSS
I
I/O and Core Ground
VDDQ
I
Output driver power supply


Similar Part No. - GS81282Z18GB-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81282Z18GB-250 GSI-GS81282Z18GB-250 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GB-250 GSI-GS81282Z18GB-250 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GB-250V GSI-GS81282Z18GB-250V Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS81282Z18GB-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81280Z36GT-200IV GSI-GS81280Z36GT-200IV Datasheet
367Kb / 22P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z36GT-250I GSI-GS81280Z36GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GD-250I GSI-GS81282Z18GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-200IV GSI-GS81282Z36GB-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z18GT-250I GSI-GS81280Z18GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81284Z36GB-200IV GSI-GS81284Z36GB-200IV Datasheet
515Kb / 29P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com