Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81282Z36GD-250 Datasheet(PDF) 1 Page - GSI Technology

Part # GS81282Z36GD-250
Description  144Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81282Z36GD-250 Datasheet(HTML) 1 Page - GSI Technology

  GS81282Z36GD-250 Datasheet HTML 1Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 2Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 3Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 4Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 5Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 6Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 7Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 8Page - GSI Technology GS81282Z36GD-250 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
GS81282Z18/36(GB/GD)
144Mb Pipelined and Flow Through
Synchronous NBT SRAM
400 MHz–200 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
119- & 165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.01 5/2017
1/34
© 2015, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• NBT (No Bus Turn Around) functionality allows zero wait
Read-Write-Read bus utilization; fully pin-compatible with
both pipelined and flow through NtRAM™, NoBL™ and
ZBT™ SRAMs
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• User-configurable Pipeline and Flow Through mode
• ZQ mode pin for user-selectable high/low output drive
• IEEE 1149.1 JTAG-compatible Boundary Scan
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 4Mb, 9Mb, 18Mb, 36Mb, and 72Mb
devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ Pin for automatic power-down
• RoHS-compliant 119- and 165-bump BGA packages
Functional Description
The GS81282Z18/36 is a 144Mbit Synchronous Static SRAM.
GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other
pipelined read/double late write or flow through read/single
late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS81282Z18/36 may be configured by the user to operate
in Pipeline or Flow Through mode. Operating as a pipelined
synchronous device, in addition to the rising-edge-triggered
registers that capture input signals, the device incorporates a
rising edge triggered output register. For read cycles, pipelined
SRAM output data is temporarily stored by the edge-triggered
output register during the access cycle and then released to the
output drivers at the next rising edge of clock.
The GS81282Z18/362 is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
standard 119-bump or 165-bump BGA package.
Parameter Synopsis
-400
-333
-250
-200
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
2.5
2.5
3.0
2.5
4.0
3.0
5.0
ns
ns
Curr (x18)
Curr (x32/x36)
610
690
530
600
430
470
360
400
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.0
4.0
4.5
4.5
5.5
5.5
6.5
6.5
ns
ns
Curr (x18)
Curr (x32/x36)
430
470
400
435
360
355
294
330
mA
mA


Similar Part No. - GS81282Z36GD-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81282Z36GD-250 GSI-GS81282Z36GD-250 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250 GSI-GS81282Z36GD-250 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250IV GSI-GS81282Z36GD-250IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250V GSI-GS81282Z36GD-250V Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS81282Z36GD-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81280Z36GT-200IV GSI-GS81280Z36GT-200IV Datasheet
367Kb / 22P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z36GT-250I GSI-GS81280Z36GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-200IV GSI-GS81282Z36GB-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z18GT-250I GSI-GS81280Z18GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81284Z36GB-200IV GSI-GS81284Z36GB-200IV Datasheet
515Kb / 29P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com