Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81302T09E-350I Datasheet(PDF) 11 Page - GSI Technology

Part # GS81302T09E-350I
Description  144Mb SigmaDDRTM-II Burst of 2 SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302T09E-350I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS81302T09E-350I Datasheet HTML 7Page - GSI Technology GS81302T09E-350I Datasheet HTML 8Page - GSI Technology GS81302T09E-350I Datasheet HTML 9Page - GSI Technology GS81302T09E-350I Datasheet HTML 10Page - GSI Technology GS81302T09E-350I Datasheet HTML 11Page - GSI Technology GS81302T09E-350I Datasheet HTML 12Page - GSI Technology GS81302T09E-350I Datasheet HTML 13Page - GSI Technology GS81302T09E-350I Datasheet HTML 14Page - GSI Technology GS81302T09E-350I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Burst of 2 Byte Write Clock Truth Table
BW
BW
Current Operation
D
D
K
(tn + 1)
K
(tn + 1½)
K
(tn)
K
(tn + 1)
K
(tn + 1½)
T
T
Write
Dx stored if BWn = 0 in both data transfers
D1
D2
T
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D1
X
F
T
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D2
F
F
Write Abort
No Dx stored in either data transfer
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.
Burst of 2 Nybble Write Clock Truth Table
NW
NW
Current Operation
D
D
K
(tn + 1)
K
(tn + 1½)
K
(tn)
K
(tn + 1)
K
(tn + 1½)
T
T
Write
Dx stored if NWn = 0 in both data transfers
D1
D2
T
F
Write
Dx stored if NWn = 0 in 1st data transfer only
D1
X
F
T
Write
Dx stored if NWn = 0 in 2nd data transfer only
X
D2
F
F
Write Abort
No Dx stored in either data transfer
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more NWn = 0, then NW = “T”, else NW = “F”.
GS81302T08/09/18/36E-375/350/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03b 12/2011
11/35
© 2011, GSI Technology


Similar Part No. - GS81302T09E-350I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302T06 GSI-GS81302T06 Datasheet
390Kb / 29P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T07 GSI-GS81302T07 Datasheet
441Kb / 31P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
More results

Similar Description - GS81302T09E-350I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302TT07 GSI-GS81302TT07 Datasheet
436Kb / 30P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T06 GSI-GS81302T06 Datasheet
390Kb / 29P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302T07 GSI-GS81302T07 Datasheet
441Kb / 31P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302TT06 GSI-GS81302TT06 Datasheet
399Kb / 29P
   144Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302R08 GSI-GS81302R08 Datasheet
1Mb / 35P
   144Mb SigmaDDRTM-II Burst of 4 SRAM
GS8662TT20 GSI-GS8662TT20 Datasheet
443Kb / 31P
   72Mb SigmaDDRTM-II Burst of 2 SRAM
GS81302Q18GE-300I GSI-GS81302Q18GE-300I Datasheet
372Kb / 34P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q08E-250I GSI-GS81302Q08E-250I Datasheet
640Kb / 33P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-333 GSI-GS81302Q18AGD-333 Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
GS81302Q18AGD-375I GSI-GS81302Q18AGD-375I Datasheet
608Kb / 29P
   144Mb SigmaQuadTM-II Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com