Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT4005B000RWHEXS Datasheet(PDF) 3 Page - YAGEO Corporation

Part # ANT4005B000RWHEXS
Description  WIRELESS COMPONENTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT4005B000RWHEXS Datasheet(HTML) 3 Page - YAGEO Corporation

  ANT4005B000RWHEXS Datasheet HTML 1Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 2Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 3Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 4Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 5Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 6Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 7Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 8Page - YAGEO Corporation ANT4005B000RWHEXS Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.yageo.com
Aug. 5, 2015 V0
WIRELESS COMPONENTS
3
10
Product specification
Ceramic Antenna
SPECIFICATION
DESCRIPTION
VALUE
Working Frequency
698~960 / 1710~2690 MHz
Bandwidth
260 / 980 MHz (Typ.)
VSWR
3.0 dB max
Polarization
Linear
Azimuth Beamwidth
Omni-directional
Peak Gain
3.2 / 4.0 dBi(Typ.)
Impedance
50 Ω
Operating Temperature
- 40~105 ℃
Maximum Power
1 W
Termination
Ag (Environmentally-Friendly Leadless)
Resistance to Soldering Heats
260℃ , 5sec.
NOTE
1. The specification is defined on Yageo evaluation board
Table 1
O
OU
UT
TL
LIIN
NE
ES
S
Fig. 1 Antenna outlines
DIMENSIONS
MARK
DIMENSION
L (mm)
40.0 ±0.5
W (mm)
5.0 ±0.3
T (mm)
6.00 ±0.3
S (mm)
2.4 ±0.2
F (mm)
1.6 ±0.2
Table 2 Mechanical Dimension
MARK
FUNCTION
F
Feeding Point
S
Soldering Point
Table 3 Termination configuration


Similar Part No. - ANT4005B000RWHEXS

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
ANT4 CIT-ANT4 Datasheet
629Kb / 11P
   CIT SWITCH
logo
STMicroelectronics
ANT4-M24LR-A STMICROELECTRONICS-ANT4-M24LR-A Datasheet
67Kb / 4P
   2 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
logo
CIT Relay & Switch
ANT41 CIT-ANT41 Datasheet
629Kb / 11P
   CIT SWITCH
ANT42 CIT-ANT42 Datasheet
629Kb / 11P
   CIT SWITCH
ANT43 CIT-ANT43 Datasheet
629Kb / 11P
   CIT SWITCH
More results

Similar Description - ANT4005B000RWHEXS

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com