Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD166-16 Datasheet(PDF) 6 Page - International Rectifier

Part # IRKD166-16
Description  STANDARD RECOVERY DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD166-16 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRKD166-16 Datasheet HTML 2Page - International Rectifier IRKD166-16 Datasheet HTML 3Page - International Rectifier IRKD166-16 Datasheet HTML 4Page - International Rectifier IRKD166-16 Datasheet HTML 5Page - International Rectifier IRKD166-16 Datasheet HTML 6Page - International Rectifier IRKD166-16 Datasheet HTML 7Page - International Rectifier IRKD166-16 Datasheet HTML 8Page - International Rectifier IRKD166-16 Datasheet HTML 9Page - International Rectifier IRKD166-16 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRK.166, .196, .236 Series
6
Bulletin I27116 rev. C 03/02
www.irf.com
0
2 5
5 0
7 5
100
12 5
1 50
M a xim um Allo w a ble A m b ien t Te m p era tu re ( C )
0.25
K /W
0.16
K/W
0.1
K /W
0.0
6
K/
W
0.5 K/W
02 5
5 0
75
10 0
1 2 5
1 50
M a ximum Allo w a b le A m b ient Tempe rature ( C )
0 .16
K /W
0.1
K/W
0.0
6
K/W
0 .0
4
K /
W
R
= 0
.0
2
K /
W
-
D
e
lta
R
0.5 K/W
0 .25 K
/W
02 5
50
75
10 0
12 5
15 0
M axim um Allo w ab le Am b ient Tem perature ( C )
0.5
K /
W
0.7
K/W
0.4
K/
W
Fig.7 - On State Power Loss Characteristics
Fig.8 - On State Power Loss Characteristics
Fig.9- On State Power Loss Characteristics
0
50
100
150
200
250
300
0
5 0
100
150
200
250
To ta l R M S O utp ut C urre n t (A )
DC
IRK .166.. Se rie s
Pe r Junc tion
T
= 150 C
J
0
200
400
600
800
10 0 0
12 0 0
14 0 0
16 0 0
0
1 00
2 00
30 0
40 0
50 0
To tal O utp ut C urre nt (A)
120
(Rect)
3 x IRK.166.. Series
Three Pha se B ridge
C o nnected
T
= 150 C
J
0
200
400
600
800
10 0 0
12 0 0
14 0 0
16 0 0
18 0 0
0
100
20 0
300
40 0
500
To ta l O u tp u t C u rre nt (A )
180
(Sin e )
180
(Re ct)
2 x IR K.166.. S erie s
Sin g le P h a se B rid g e
C o nnected
T
= 150 C
J


Similar Part No. - IRKD166-16

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
IRKD162 IRI-IRKD162 Datasheet
913Kb / 4P
   POWER MODULE
IRKD162/12 IRI-IRKD162/12 Datasheet
913Kb / 4P
   POWER MODULE
IRKD162/16 IRI-IRKD162/16 Datasheet
913Kb / 4P
   POWER MODULE
IRKD162/20 IRI-IRKD162/20 Datasheet
913Kb / 4P
   POWER MODULE
IRKD162/22 IRI-IRKD162/22 Datasheet
913Kb / 4P
   POWER MODULE
More results

Similar Description - IRKD166-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com