Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8128236GD-333V Datasheet(PDF) 1 Page - GSI Technology

Part # GS8128236GD-333V
Description  8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8128236GD-333V Datasheet(HTML) 1 Page - GSI Technology

  GS8128236GD-333V Datasheet HTML 1Page - GSI Technology GS8128236GD-333V Datasheet HTML 2Page - GSI Technology GS8128236GD-333V Datasheet HTML 3Page - GSI Technology GS8128236GD-333V Datasheet HTML 4Page - GSI Technology GS8128236GD-333V Datasheet HTML 5Page - GSI Technology GS8128236GD-333V Datasheet HTML 6Page - GSI Technology GS8128236GD-333V Datasheet HTML 7Page - GSI Technology GS8128236GD-333V Datasheet HTML 8Page - GSI Technology GS8128236GD-333V Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
GS8128218/36(GB/GD)-xxxV
8M x 18, 4M x 36
144Mb S/DCD Sync Burst SRAMs
333 MHz–200 MHz
1.8 V or 2.5 V VDD
1.8 V or 2.5 V I/O
119- & 165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.01 5/2017
1/34
© 2015, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline operation
• Single/Dual Cycle Deselect selectable
• IEEE 1149.1 JTAG-compatible Boundary Scan
• ZQ mode pin for user-selectable high/low output drive
• 1.8 V +10%/–10% core power supply
• 2.5 V +10%/–10% core power supply
• 1.8 V or 2.5 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to SCD x18/x36 Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• ZZ pin for automatic power-down
• RoHS-compliant 119-bump and 165-bump BGA packages
Functional Description
Applications
The GS8128218/36 is a
150,994,944-bit high performance
synchronous SRAM with a 2-bit burst address counter. Although
of a type originally developed for Level 2 Cache applications
supporting high performance CPUs, the device now finds
application in synchronous SRAM applications, ranging from
DSP main store to networking chip set support.
Controls
Addresses, data I/Os, chip enable (E1), address burst control
inputs (ADSP, ADSC, ADV), and write control inputs (Bx, BW,
GW) are synchronous and are controlled by a positive-edge-
triggered clock input (CK). Output enable (G) and power down
control (ZZ) are asynchronous inputs. Burst cycles can be initiated
with either ADSP or ADSC inputs. In Burst mode, subsequent
burst addresses are generated internally and are controlled by
ADV. The burst address counter may be configured to count in
either linear or interleave order with the Linear Burst Order (LBO)
input. The Burst function need not be used. New addresses can be
loaded on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by the
user via the FT mode . Holding the FT mode pin low places the
RAM in Flow Through mode, causing output data to bypass the
Data Output Register. Holding FT high places the RAM in
Pipeline mode, activating the rising-edge-triggered Data Output
Register.
SCD and DCD Pipelined Reads
The GS8128218/36 is a SCD (Single Cycle Deselect) and DCD
(Dual Cycle Deselect) pipelined synchronous SRAM. DCD
SRAMs pipeline disable commands to the same degree as read
commands. SCD SRAMs pipeline deselect commands one stage
less than read commands. SCD RAMs begin turning off their
outputs immediately after the deselect command has been
captured in the input registers. DCD RAMs hold the deselect
command for one full cycle and then begin turning off their
outputs just after the second rising edge of clock. The user may
configure this SRAM for either mode of operation using the SCD
mode input.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write control
inputs.
FLXDrive™
The ZQ pin allows selection between high drive strength (ZQ low)
for multi-drop bus applications and normal drive strength (ZQ
floating or high) point-to-point applications. See the Output Driver
Characteristics chart for details.
Core and Interface Voltages
The GS8128218/36 operates on a 1.8 V or 2.5 V power supply.
All input are 1.8 V or 2.5 V compatible. Separate output power
(VDDQ) pins are used to decouple output noise from the internal
circuits and are 1.8 V or 2.5 V compatible.
Parameter Synopsis
-333
-250
-200
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
3.0
2.5
4.0
3.0
5.0
ns
ns
Curr (x18)
Curr (x32/x36)
530
580
430
460
360
390
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.5
4.5
5.5
5.5
6.5
6.5
ns
ns
Curr (x18)
Curr (x32/x36)
400
420
360
380
285
320
mA
mA


Similar Part No. - GS8128236GD-333V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8128236GD-333V GSI-GS8128236GD-333V Datasheet
455Kb / 35P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS8128236GD-333V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8128236GB-200IV GSI-GS8128236GB-200IV Datasheet
455Kb / 35P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS8128218GD-250I GSI-GS8128218GD-250I Datasheet
462Kb / 37P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS8128218GB-250I GSI-GS8128218GB-250I Datasheet
462Kb / 37P
   8M x 18, 4M x 36 144Mb S/DCD Sync Burst SRAMs
GS8128036GT-250I GSI-GS8128036GT-250I Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128036GT-200IV GSI-GS8128036GT-200IV Datasheet
344Kb / 23P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS864418E-V GSI-GS864418E-V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS8256436GD-250I GSI-GS8256436GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GB-250I GSI-GS8256418GB-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GD-200IV GSI-GS8256436GD-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GD-250I GSI-GS8256418GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com