Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFCN-1325 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LFCN-1325
Description  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-1325 Datasheet(HTML) 1 Page - Mini-Circuits

  LFCN-1325 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
9W max. at 25°C
DC Current Input to Output
1A max. at 25°C
*Passband rating, derate linearly to 4W at 100°C ambient.
Applications
• harmonic rejection
• VHF/UHF transmitters/receivers
• lab use
• excellent power handling, 9W
• small size
• 5 sections
• temperature stable
• patent pending
Outline Drawing
Pin Connections
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
H
.126
.063
.039
.020
.032
.009
.169
.087
3.20
1.60
0.99
0.51
0.81
0.23
4.29
2.21
J
K
L
M
N
P
wt.
.024
.122
.024
.087
.012
.071 grams
0.61
3.10
0.61
2.21
0.30
1.80
.020
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
10.00
0.12
1.03
174.38
0.23
1.17
338.75
0.36
1.32
503.13
0.50
1.40
667.50
0.56
1.38
1160.63
0.71
1.11
1325.00
1.06
1.47
1518.75
3.52
3.91
2003.13
23.27
32.79
2577.77
28.97
51.10
3055.55
24.14
41.37
3533.33
22.45
51.10
3772.22
21.83
44.55
4011.11
21.11
40.41
4250.00
20.18
34.75
MODEL
NO.
PASSBAND
(MHz)
(loss < 1.3 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
STOP BAND (MHz)
(loss, dB)
f 20
Min.
fr 20
Typ.
30
Typ.
fco, MHz
Nom.
(loss 3 dB)
Typ.
LFCN-1325
DC-1325
1560
2100
2200-2600
4250
20
1.4
5
K2-LFCN
60
5 of each: LFCN-800,-900,-1000,-1200,-1325,-1700,
119.95
-2000,-2250,-2400,-5000,-6000,-6700
designers kit available
Kit
No.
No. of
Units in Kit
Description
Price $
per Kit
LFCN-1325
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
LFCN-1325
INSERTION LOSS
0
5
10
15
20
25
30
35
40
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-1325D (DC Resistance to
ground is 100 Mohms min.)
RF IN
RF OUT
Model
Price
Qty.
LFCN-1325
$1.99
(10-49)
LFCN-1325D
$2.49
(10-49)
CASE STYLE: FV1206
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
DC to 1325 MHz
Low Pass Filter
Ceramic
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
LFCN-1325
REV. E
M96263
LFCN-1325
ED-9913/3
AD/RS/CP
050113
NEW!


Similar Part No. - LFCN-1325

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-1325++ MINI-LFCN-1325+ Datasheet
322Kb / 1P
   LOW PASS FILTERS
LFCN-1325++ MINI-LFCN-1325+ Datasheet
319Kb / 1P
   LOW PASS FILTERS
More results

Similar Description - LFCN-1325

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com