Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV741P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV741P
Description  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV741P Datasheet(HTML) 1 Page - Texas Instruments

  TLV741P Datasheet HTML 1Page - Texas Instruments TLV741P Datasheet HTML 2Page - Texas Instruments TLV741P Datasheet HTML 3Page - Texas Instruments TLV741P Datasheet HTML 4Page - Texas Instruments TLV741P Datasheet HTML 5Page - Texas Instruments TLV741P Datasheet HTML 6Page - Texas Instruments TLV741P Datasheet HTML 7Page - Texas Instruments TLV741P Datasheet HTML 8Page - Texas Instruments TLV741P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Output Current (mA)
0
15
30
45
60
75
90
105
120
135
150
0
50
100
150
200
250
300
350
VOUT
VOUT = 3.3 V
= 1.8 V
TLV741P
IN
EN
OUT
GND
COUT
CIN
ON
OFF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV741P
SBVS309 – JULY 2017
TLV741P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Devices
1
1 Features
1
Input Voltage Range: 1.4 V to 5.5 V
Stable Operation With 1-µF Ceramic Capacitors
Foldback Overcurrent Protection
Packages:
5-Pin SOT-23
Very Low Dropout: 230 mV at 150 mA
Accuracy: 1%
Low IQ: 50 µA
Available in Fixed-Output Voltages:
1 V to 3.3 V
High PSRR: 65 dB at 1 kHz
Active Output Discharge (P Version Only)
2 Applications
PDAs and Battery-Powered Portable Devices
MP3 Players and Other Hand-Held Products
WLAN and Other PC Add-On Cards
3 Description
The TLV741P low-dropout (LDO) linear regulator is a
low quiescent current LDO with excellent line and
load transient performance and is designed for
power-sensitive applications. This device provides a
typical accuracy of 1%.
The TLV741P device is designed to be stable with a
small, 1-µF output capacitor.
The TLV741P device provides inrush current control
during device power up and enabling. The TLV741P
device limits the input current to the defined current
limit to avoid large currents from flowing from the
input power source. This functionality is especially
important in battery-operated devices.
The TLV741P is available in a standard DBV (SOT-
23) package. The TLV741P provides an active
pulldown circuit to quickly discharge output loads.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
TLV741P
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Typical Application Circuit
Dropout Voltage vs Output Current


Similar Part No. - TLV741P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV741P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com