Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74118PDBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74118PDBVR
Description  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74118PDBVR Datasheet(HTML) 5 Page - Texas Instruments

  TLV74118PDBVR Datasheet HTML 1Page - Texas Instruments TLV74118PDBVR Datasheet HTML 2Page - Texas Instruments TLV74118PDBVR Datasheet HTML 3Page - Texas Instruments TLV74118PDBVR Datasheet HTML 4Page - Texas Instruments TLV74118PDBVR Datasheet HTML 5Page - Texas Instruments TLV74118PDBVR Datasheet HTML 6Page - Texas Instruments TLV74118PDBVR Datasheet HTML 7Page - Texas Instruments TLV74118PDBVR Datasheet HTML 8Page - Texas Instruments TLV74118PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TLV741P
www.ti.com
SBVS309 – JULY 2017
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Start-up time is the time from EN assertion to (0.98 × VOUT(nom)).
6.5 Electrical Characteristics
over operating temperature range TJ = –40°C to +125°C, VIN(nom) = VOUT(nom) + 0.5 V or VIN(nom) = 2 V (whichever is greater),
IOUT = 1 mA, VEN = VIN, and COUT = 1 µF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.4
5.5
V
VOUT
Output voltage
range
1
3.3
V
DC output accuracy
VOUT ≥ 1.8 V
TJ = 25°C
–1%
1%
VOUT < 1.8 V
TJ = 25°C
–20
20
mV
VOUT ≥ 1.2 V
–40°C
≤ TJ ≤ 125°C
–1.5%
1.5%
VOUT < 1.2 V
–40°C
≤ TJ ≤ 125°C
–50
50
mV
ΔVOUT(ΔVIN)
Line regulation
Maximum {VOUT(nom) + 0.5 V
VIN = 2 V} ≤ VIN ≤ 5.5 V
1
5
mV
ΔVOUT(ΔIOUT)
Load regulation
0 mA
≤ IOUT ≤ 150 mA
10
30
mV
VDO
Dropout voltage
VOUT = 0.98 × VOUT(nom),
TJ = –40°C to 85°C
1 V
≤ VOUT < 1.8 V
IOUT = 150 mA
600
900
mV
VOUT = 1.1 V
IOUT = 100 mA
470
600
1.8 V
≤ VOUT < 2.1 V
IOUT = 30 mA
70
1.8 V
≤ VOUT < 2.1 V
IOUT = 150 mA
350
575
2.1 V
≤ VOUT < 2.5 V
IOUT = 30 mA
90
2.1 V
≤ VOUT < 2.5 V
IOUT = 150 mA
290
481
2.5 V
≤ VOUT < 3 V
IOUT = 30 mA
50
2.5 V
≤ VOUT < 3 V
IOUT = 150 mA
246
445
3 V
≤ VOUT < 3.6 V
IOUT = 30 mA
46
3 V
≤ VOUT < 3.6 V
IOUT = 150 mA
230
420
VOUT = 0.98 × VOUT(nom)
TJ = –40°C to 125°C
1 V
≤ VOUT < 1.8 V
IOUT = 150 mA
600
1020
VOUT = 1.1 V
IOUT = 100 mA
470
720
1.8 V
≤ VOUT < 2.1 V
IOUT = 150 mA
350
695
2.1 V
≤ VOUT < 2.5 V
IOUT = 150 mA
290
601
2.5 V
≤ VOUT < 3 V
IOUT = 150 mA
246
565
3 V
≤ VOUT < 3.6 V
IOUT = 150 mA
230
540
IGND
Ground pin current
IOUT = 0 mA
50
75
µA
ISHUTDOWN
Shutdown current
VEN ≤ 0.4 V, 2 V ≤ VIN ≤ 5.5 V
TJ = 25°C
0.1
1
µA
PSRR
Power-supply
rejection ratio
VIN = 3.3 V
VOUT = 2.8 V
IOUT = 30 mA
f = 100 Hz
70
dB
f = 10 kHz
55
f = 1 MHz
55
Vn
Output noise voltage
BW = 100 Hz to 100 kHz
VIN = 2.3 V
VOUT = 1.8 V
IOUT = 10 mA
73
µVRMS
tSTR
Start-up time(1)
COUT = 1 μF
IOUT = 150 mA
100
µs


Similar Part No. - TLV74118PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV74118PDBVR TI1-TLV74118PDBVR Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV74118PDBVR TI1-TLV74118PDBVR Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV74118PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com