Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74130PDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74130PDBVR
Description  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74130PDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV74130PDBVR Datasheet HTML 2Page - Texas Instruments TLV74130PDBVR Datasheet HTML 3Page - Texas Instruments TLV74130PDBVR Datasheet HTML 4Page - Texas Instruments TLV74130PDBVR Datasheet HTML 5Page - Texas Instruments TLV74130PDBVR Datasheet HTML 6Page - Texas Instruments TLV74130PDBVR Datasheet HTML 7Page - Texas Instruments TLV74130PDBVR Datasheet HTML 8Page - Texas Instruments TLV74130PDBVR Datasheet HTML 9Page - Texas Instruments TLV74130PDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
TLV741P
SBVS309 – JULY 2017
www.ti.com
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating temperature range TJ = –40°C to +125°C, VIN(nom) = VOUT(nom) + 0.5 V or VIN(nom) = 2 V (whichever is greater),
IOUT = 1 mA, VEN = VIN, and COUT = 1 µF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHI
Enable high
(enabled)
0.9
VIN
V
VLO
Enable low
(disabled)
0
0.4
V
IEN
EN pin current
EN = 5.5 V
0.01
µA
RPULLDOWN
Pulldown resistor
VIN = 4 V
120
Ω
ILIM
Output current limit
VIN = 3.8 V
VOUT = 3.3 V
TJ = –40 to 85°C
180
mA
VIN = 2.25 V
VOUT = 1.8 V
TJ = –40 to 85°C
180
VIN = 2 V
VOUT = 1.2 V
TJ = –40 to 85°C
180
ISC
Short-circuit current
VOUT = 0 V
40
mA
TSD
Thermal shutdown
Shutdown, temperature increasing
158
°C
Reset, temperature decreasing
140


Similar Part No. - TLV74130PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV74130PDBVR TI1-TLV74130PDBVR Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV74130PDBVR TI1-TLV74130PDBVR Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV74130PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com