Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2001D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2001D
Description  Current Limited, Power-Distribution Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2001D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2001D Datasheet HTML 2Page - Texas Instruments TPS2001D Datasheet HTML 3Page - Texas Instruments TPS2001D Datasheet HTML 4Page - Texas Instruments TPS2001D Datasheet HTML 5Page - Texas Instruments TPS2001D Datasheet HTML 6Page - Texas Instruments TPS2001D Datasheet HTML 7Page - Texas Instruments TPS2001D Datasheet HTML 8Page - Texas Instruments TPS2001D Datasheet HTML 9Page - Texas Instruments TPS2001D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
TPS2001D
SLVSE25 – JULY 2017
www.ti.com
Product Folder Links: TPS2001D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
See Current Limit for explanation of this parameter.
(3)
These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
7.6 Electrical Characteristics: –40°C
≤ T
J ≤ 125°C
Unless otherwise noted:4.5 V
≤ VIN ≤ 5.5 V, VEN = VIN, IOUT = 0 A, typical values are at 5 V and 25°C.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
RDS(ON)
Input – output resistance
2-A rated output
DGK
72
112
m
2-A rated output
DBV
72
m
ENABLE INPUT (EN)
Threshold
Input rising
1
1.45
2
V
Hysteresis
0.07
0.13
0.2
V
Leakage current
VEN = 0 V or 5.5 V
–1
0
1
µA
CURRENT LIMIT
IOS
(2)
Current limit,
See Figure 20
2-A rated output
2.3
2.9
3.6
A
tIOS
Short-circuit response time(3)
VIN = 5 V (see Figure 6),
One-half full load
→ RSHORT = 50 mΩ,
Measure from application to when current falls below 120% of
final value
2
µs
SUPPLY CURRENT
ISD
Supply current, switch disabled
IOUT = 0 A
0.01
10
µA
ISE
Supply current, switch enabled
IOUT = 0 A
65
90
µA
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, measure IVOUT
0.2
20
µA
UNDERVOLTAGE LOCKOUT
VUVLO
Rising threshold
VIN
3.5
3.75
4
V
Hysteresis(3)
VIN
0.14
V
FLT
Output low voltage, FLT
IFLT = 1 mA
0.2
V
OFF-state leakage
VFLT = 5.5 V
1
µA
tFLT
FLT deglitch
FLT assertion or deassertion deglitch
6
9
12
ms
OUTPUT DISCHARGE
RPD
Output pulldown resistance
VIN = 4 V, VOUT = 5 V, disabled
350
560
1200
VIN = 5 V, VOUT = 5 V, disabled
300
470
800
THERMAL SHUTDOWN
Rising threshold (TJ)
In current limit
135
°C
Not in current limit
155
Hysteresis (3)
20
7.7 Timing Requirements: TJ = TA = 25°C
MIN
NOM
MAX
UNIT
ENABLE INPUT (EN)
tON
Turnon time
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↑.
See Figure 1, Figure 3, and Figure 4
1.2
1.7
2.2
ms
tOFF
Turnoff time
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↓.
See Figure 1, Figure 3, and Figure 4
1.7
2.1
2.5
ms
tR
Rise time, output
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See
Figure 2
0.5
0.7
1
ms
tF
Fall time, output
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See
Figure 2
0.3
0.43
0.55
ms


Similar Part No. - TPS2001D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2001D TI1-TPS2001D Datasheet
1Mb / 26P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDBVR TI1-TPS2001DDBVR Datasheet
1Mb / 26P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDBVT TI1-TPS2001DDBVT Datasheet
1Mb / 26P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDGK TI1-TPS2001DDGK Datasheet
1Mb / 26P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDGKR TI1-TPS2001DDGKR Datasheet
1Mb / 26P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2001D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com