Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22916C Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS22916C
Description  1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22916C Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22916C Datasheet HTML 3Page - Texas Instruments TPS22916C Datasheet HTML 4Page - Texas Instruments TPS22916C Datasheet HTML 5Page - Texas Instruments TPS22916C Datasheet HTML 6Page - Texas Instruments TPS22916C Datasheet HTML 7Page - Texas Instruments TPS22916C Datasheet HTML 8Page - Texas Instruments TPS22916C Datasheet HTML 9Page - Texas Instruments TPS22916C Datasheet HTML 10Page - Texas Instruments TPS22916C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
TPS22916
www.ti.com
SLVSDO5 – JULY 2017
Product Folder Links: TPS22916
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
See the Quick Output Discharge (QOD) section for information on how RL and CL affect Fall Time.
TPS22916C, TPS22916CN, TPS22916CL
Rising slew rate
SRON
VIN = 1 V
0.3
mV/µs
VIN = 1.2 V
0.4
VIN = 1.8 V
1
VIN = 3.6 V
3.2
VIN = 5 V
5
Turnon delay
tD
VIN = 1 V
3500
µs
VIN = 1.2 V
2700
VIN = 1.8 V
1600
VIN = 3.6 V
800
VIN = 5 V
600
Rise time
tR
VIN = 1 V
3000
VIN = 1.2 V
2300
VIN = 1.8 V
1400
VIN = 3.6 V
900
VIN = 5 V
800
Turnon time
tON
VIN = 1 V
6500
VIN = 1.2 V
5000
VIN = 1.8 V
3000
VIN = 3.6 V
1700
VIN = 5 V
1400
Turnoff time
tOFF
VIN = 1 V
25
VIN = 1.2 V
15
VIN = 1.8 V
10
VIN = 3.6 V
5
VIN = 5 V
5
Fall time
tF
Depends on RL and CL
(1)


Similar Part No. - TPS22916C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22916C TI-TPS22916C Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916C TI-TPS22916C Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916CL TI-TPS22916CL Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916CL TI-TPS22916CL Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916CLYFPR TI1-TPS22916CLYFPR Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
More results

Similar Description - TPS22916C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
[Old version datasheet]   Ultra-Low Leakage Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com