Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS100 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # NFS100
Description  Three Phase Full Controlled Bridge Rectifier, 100 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NFS100 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  NFS100 Datasheet HTML 1Page - Naina Semiconductor ltd. NFS100 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
NFS100
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
(All dimensions in mm)
Ordering Table
NFS
100
/
160
1
2
3
1 – Three-phase full-controlled bridge
2 – Current rating = ID
3 – Voltage Code x 10 = VRRM (See Voltage Ratings Table)


Similar Part No. - NFS100

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
   80-110W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
   110 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
513Kb / 5P
   Single & Quad output
logo
Artesyn Technologies
NFS110-7601P ARTESYN-NFS110-7601P Datasheet
62Kb / 3P
   80-110W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
242Kb / 4P
   110 W universal input ac-dc power supply
More results

Similar Description - NFS100

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NFS60 NAINA-NFS60 Datasheet
191Kb / 2P
   Three Phase Full Controlled Bridge Rectifier, 60 Amps
NHS100 NAINA-NHS100 Datasheet
184Kb / 2P
   Three Phase Half Controlled Bridge Rectifier, 100 Amps
logo
IXYS Corporation
VTO110 IXYS-VTO110 Datasheet
45Kb / 2P
   Three Phase Full Controlled Rectifier Bridge
logo
Powersem GmbH
PSDT39 POWERSEM-PSDT39 Datasheet
186Kb / 2P
   Three Phase Full Controlled Rectifier Bridge
logo
Naina Semiconductor ltd...
MDS100 NAINA-MDS100 Datasheet
275Kb / 2P
   Three Phase Bridge Rectifier, 100 Amps
logo
Powersem GmbH
PSDT74 POWERSEM-PSDT74 Datasheet
519Kb / 2P
   Three Phase Full Controlled Rectifier Bridge, B6C
logo
IXYS Corporation
VTO175-12IO7 IXYS-VTO175-12IO7 Datasheet
160Kb / 2P
   Three Phase Full Controlled Rectifier Bridge, B6C
logo
Naina Semiconductor ltd...
NFQ60 NAINA-NFQ60 Datasheet
157Kb / 2P
   Single Phase Full Controlled Bridge Rectifier, 60 Amps
NFQ75 NAINA-NFQ75 Datasheet
158Kb / 2P
   Single Phase Full Controlled Bridge Rectifier, 75 Amps
NFQ45 NAINA-NFQ45 Datasheet
158Kb / 2P
   Single Phase Full Controlled Bridge Rectifier, 45 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com