Electronic Components Datasheet Search |
|
TLE2144CNE4 Datasheet(PDF) 8 Page - Texas Instruments |
|
TLE2144CNE4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 79 page TLE214x, TLE214xA EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183D − FEBRUARY 1997 − REVISED OCTOBER 2012 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2141C electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2141C TLE2141AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT V Input offset voltage 25°C 200 900 175 500 V VIO Input offset voltage Full range 1300 800 μV Temperature coefficient Full range 17 17 V/°C αVIO Temperature coefficient of input offset voltage VIC = 0, RS = 50 Ω, Full range 1.7 1.7 μV/°C I Input offset current VIC = 0, VO = 0 RS = 50 Ω, 25°C 7 100 7 100 nA IIO Input offset current O Full range 150 150 nA I Input bias current 25°C −0.7 −1.5 −0.7 −1.5 A IIB Input bias current Full range −1.6 −1.6 μA −15 −15.3 −15 −15.3 25°C −15 to −15.3 to −15 to −15.3 to V Common-mode input R 50 Ω 25 C to 13 to 13.2 to 13 to 13.2 V VICR Common mode input voltage range RS = 50 Ω −15 −15.3 −15 −15.3 V voltage range Full range −15 to −15.3 to −15 to −15.3 to Full range to 12.9 to 13.1 to 12.9 to 13.1 I 150 A 25°C 13.8 14.1 13.8 14.1 IO = −150 μA Full range 13.7 13.7 V Maximum positive peak I 1 5 mA 25°C 13.7 14 13.7 14 V VOM+ Maximum positive peak output voltage swing IO = −1.5 mA Full range 13.6 13.6 V I 15 mA 25°C 13.1 13.7 13.1 13.7 IO = −15 mA Full range 13 13 I 150 A 25°C −14.7 −14.9 −14.7 −14.9 IO = 150 μA Full range −14.6 −14.6 V Maximum negative peak output voltage I 1 5 mA 25°C −14.5 −14.8 −14.5 −14.8 V VOM− peak output voltage swing IO = 1.5 mA Full range −14.4 −14.4 V swing I 15 mA 25°C −13.4 −13.8 −13.4 −13.8 IO = 15 mA Full range −13.3 −13.3 A Large-signal differential V ±10 V 25°C 100 450 100 450 V/mV AVD Large signal differential voltage amplification VO = ±10 V Full range 75 75 V/mV ri Input resistance RL = 2 kΩ 25°C 65 65 MΩ ci Input capacitance 25°C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25°C 30 30 Ω CMRR Common-mode V V min R 50 Ω 25°C 85 108 85 108 dB CMRR Common mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 80 80 dB k Supply-voltage rejection ratio VCC± = ±2.5 V to ±15 V, 25°C 90 106 90 106 dB kSVR rejection ratio (ΔVCC± /ΔVIO) VCC± = ±2.5 V to ±15 V, RS = 50 Ω Full range 85 85 dB I Short-circuit output V 0 VID = 1 V 25°C −25 −50 −25 −50 mA IOS Short circuit output current VO = 0 VID = −1 V 25°C 20 31 20 31 mA I Supply current V 0 No load 25°C 3.5 4.5 3.5 4.5 mA ICC Supply current VO = 0, No load Full range 4.7 4.7 mA † Full range is 0°C to 70°C. |
Similar Part No. - TLE2144CNE4 |
|
Similar Description - TLE2144CNE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |