Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLW3012-00PA1B Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MLW3012-00PA1B
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MLW3012-00PA1B Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MLW3012-00PA1B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-00PA1B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-00PA1B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-00PA1B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-00PA1B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-00PA1B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MLW3012-00PA1B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series MLW
Snap-in Miniature Rockers
B109
B
www.nkkswitches.com
TERMINALS
Switch Terminals
Lamp Terminals
Center terminal is
.020” (0.5mm) longer
Thk = (0.8)
.031
(5.9)
.232
(1.2) Dia
.047
(3.0)
.118
Thk = (0.8)
.031
(1.1)
.043
(2.0)
.079
(2.0)
.079
(4.0)
.157
LAMP CODES & SPECIFICATIONS
Electrical specifications are determined at a basic temperature of 25°C. Lamp circuit is independent of switch operation.
For dimension drawings of lamps see Accessories & Hardware section.
For neon, if the source voltage is greater than rated voltage, a ballast resistor is required.
The ballast resistor calculation and more lamp detail are shown in the Supplement.
Incandescent & Neon Lamps for Solid & Design Caps
Voltage
V
6V AC
12V AC
18V AC
24V AC
28V AC
110V AC
Current
I
80mA
50mA
35mA
25mA
22mA
1.5mA
MSCP
.159
.215
.398
.215
.247
NA
Endurance
Hours
2,000 Average
15,000 Average
Ambient Temperature Range
–10°C ~ +50°C
–10°C ~ +50°C
Recommended Resistor for Neon: 33K ohms for 110V AC; 100K ohms for 220V AC
No Lamp Code 00 indicates that no lamp is used.
00
AT602N
Neon
T-112 Pilot Slide Base
12
18
06
N
24
AT602
Incandescent
28
L(+)
L(-)
POLES & CIRCUITS
Rocker Position
( ) = Momentary
Connected Terminals
Throw & Power/Lamp Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Notes: Terminal numbers are not actually on
switch. Lamp circuit is isolated and
requires an external power source.
SP
MLW3012
MLW3013
MLW3015
MLW3018
MLW3019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
MLW3022
MLW3023
MLW3025
MLW3028
MLW3029
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN 2-1 5-4
DPDT
L (+)
(-) L
L (+)
(-) L
2 (COM)
1
3
4
6
1
3
25
(COM)
For 3 Throw (3-On)
Pole
Model
Down Center Up
Connected Terminals & Schematics
External Connection
SP MLW3020 ON
ON
ON
The SP3T model utilizes
a double pole base.
External
connection
must be made
during field
installation.
With External Connection
Without External Connection
2-6
2-3 5-6
2-4
2-3 5-4
2-1
2-1 5-4
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection


Similar Part No. - MLW3012-00PA1B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
256Kb / 7P
   General Specifications
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A_16 Datasheet
256Kb / 7P
   General Specifications
MLW3012-00-RA-1B NKK-MLW3012-00-RA-1B Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - MLW3012-00PA1B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com