Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE15035 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE15035
Description  Integrated Circuit Video IF, Chroma Deflection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15035 Datasheet(HTML) 1 Page - NTE Electronics

  NTE15035 Datasheet HTML 1Page - NTE Electronics NTE15035 Datasheet HTML 2Page - NTE Electronics NTE15035 Datasheet HTML 3Page - NTE Electronics NTE15035 Datasheet HTML 4Page - NTE Electronics NTE15035 Datasheet HTML 5Page - NTE Electronics NTE15035 Datasheet HTML 6Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NTE15035
Integrated Circuit
Video IF, Chroma Deflection
Description:
The NTE15035 combines all the functions required for an NTSC color TV system on a 64–Lead DIP
shrink type plastic package. This device is designed to have wide application capability, from a funda-
mental CTV application to a high–end MPX CTV with quasi–parallel SIF system, with minimal external
parts and adjustments. A quasi–parallel SIF system assures buzz free sound reproduction.
Features:
PIF Section
D 3–Stage Variable Gain PIF Amplifier
D High Speed Peak AGC with Dual Time Constants
D Single End AFT Output with Defeat Function
D A Delayed RF AGC Output (Reverse AGC)
D Sync Positive Detected Video Output Polarity
D Internal Black/White Noise Inverter
Quasi–Parallel Inter Carrier Detector
D 3–Stage Variable Gain Intercarrier IF Amplifier
D Independent Peak AGC
D Intercarrier Detector with 90 deg. Carrier Shifter
SIF Section:
D 3–Stage Limiter Amplifier
D Differential Peak Detector
D Separated Detector Output and Electronic Attenuater Input for Multiplex TV Sound Reception
D Excellent Electronic Attenuater
D Preamplifier with an NF Terminal
Video Section:
D 2nd Order Picture Sharpness (DC Control)
D Contrast Control with Uni–Color Function
D Brightness Control with Pedestal Clamping Circuit (Adjustable DC Restoration Ratio)
D Internal Vertical Blanking
Chroma Section:
D ACC Circuit
D Color Control Circuit
D Uni–Color Control Circuit
D Adjustment Free APC Circuit
D Tint Control Circuit With Sync Pulse Output
D Color Differential Outputs


Similar Part No. - NTE15035

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1503 NTE-NTE1503 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Logarithmic Response
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE15031 NTE-NTE15031 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE15032 NTE-NTE15032 Datasheet
22Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15033 NTE-NTE15033 Datasheet
22Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
More results

Similar Description - NTE15035

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1790 NTE-NTE1790 Datasheet
49Kb / 6P
   Integrated Circuit Video IF, Chroma Deflection
NTE7008 NTE-NTE7008 Datasheet
28Kb / 3P
   Integrated Circuit Color TV/Video, Chroma, Deflection Circuit
NTE1838 NTE-NTE1838 Datasheet
27Kb / 3P
   Integrated Circuit Color TV Video/Chroma/Deflection Circuit
NTE1547 NTE-NTE1547 Datasheet
43Kb / 6P
   Integrated Circuit Video Chroma Deflection System for Color TV
logo
Sanyo Semicon Device
LA7629 SANYO-LA7629 Datasheet
184Kb / 4P
   Color TV/Video,Chroma,Deflection Circuit
LA7620 SANYO-LA7620 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
logo
NTE Electronics
NTE1673 NTE-NTE1673 Datasheet
24Kb / 3P
   Integrated Circuit Video Chroma Processor
logo
Mitsubishi Electric Sem...
M51414BSP MITSUBISHI-M51414BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
   NTSC VIDEO CHROMA DEFLECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com