Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2770CDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770CDR
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2770CDR Datasheet(HTML) 4 Page - Texas Instruments

  TLV2770CDR Datasheet HTML 1Page - Texas Instruments TLV2770CDR Datasheet HTML 2Page - Texas Instruments TLV2770CDR Datasheet HTML 3Page - Texas Instruments TLV2770CDR Datasheet HTML 4Page - Texas Instruments TLV2770CDR Datasheet HTML 5Page - Texas Instruments TLV2770CDR Datasheet HTML 6Page - Texas Instruments TLV2770CDR Datasheet HTML 7Page - Texas Instruments TLV2770CDR Datasheet HTML 8Page - Texas Instruments TLV2770CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
4
WWW.TI.COM
TLV277x PACKAGE PINOUTS(1)
1
2
3
4
5
10
9
8
7
6
1OUT
1IN −
1IN+
GND
1SHDN
VDD
2OUT
2IN −
2IN+
2SHDN
3
2
4
5
(TOP VIEW)
1
OUT
GND
IN+
VDD
IN −
TLV2771
DBV PACKAGE
TLV2773
DGS PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VDD
2OUT
2IN −
2IN+
TLV2772
D, DGK, JG, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
SHDN
VDD
OUT
NC
TLV2770
D, DGK† OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
NC
VDD
OUT
NC
TLV2771
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
GND
NC
1SHDN
NC
VDD
2OUT
2IN −
2IN+
NC
2SHDN
NC
(TOP VIEW)
TLV2773
D OR N PACKAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
VDD
2IN+
2IN −
2OUT
4OUT
4IN −
4IN+
GND
3IN+
3IN −
3OUT
(TOP VIEW)
TLV2774
D, N, OR PW PACKAGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN −
1IN+
VDD
2IN+
2IN −
2OUT
1/2SHDN
4OUT
4IN −
4IN+
GND
3IN +
3IN−
3OUT
3/4SHDN
(TOP VIEW)
TLV2775
D, N, OR PW PACKAGE
NC
VDD +
2OUT
2IN −
2IN +
NC
1OUT
1IN −
1IN +
GND
10
9
8
7
6
(TOP VIEW)
TLV2772M AND TLV2772AM
U PACKAGE
† This device is in the Product Preview stage of development. Please contact your local TI sales office for availability.
1
2
3
4
5
(1) SOT−23 may or may not be indicated
TYPICAL PIN 1 INDICATORS
Printed or
Molded Dot
Bevel Edges
Pin 1
Molded ”U” Shape
Pin 1
Stripe
Pin 1
Pin 1


Similar Part No. - TLV2770CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2770CDR TI-TLV2770CDR Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770CDR TI-TLV2770CDR Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770CDR TI1-TLV2770CDR Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV2770CDRG4 TI-TLV2770CDRG4 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770CDRG4 TI-TLV2770CDRG4 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2770CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV277X-EP TI1-TLV277X-EP Datasheet
1Mb / 42P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV2771-Q1 TI1-TLV2771-Q1 Datasheet
974Kb / 45P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X-Q1 TI-TLV277X-Q1 Datasheet
828Kb / 41P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772A-EP TI1-TLV2772A-EP Datasheet
1Mb / 40P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV227X TI-TLV227X Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X Datasheet
918Kb / 54P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com