Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFA80-T08-1 Datasheet(PDF) 1 Page - Vitec Power

Part # STFA80-T08-1
Description  80W Open Frame Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA80-T08-1 Datasheet(HTML) 1 Page - Vitec Power

  STFA80-T08-1 Datasheet HTML 1Page - Vitec Power STFA80-T08-1 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIFA80 SERIES
80W Open Frame Power Supply for Industrial Equipment
Wide Input Voltage90 to 260 VAC, 47 to 63Hz
Dual to Triple Output
Output voltage available from 3.3 to 24 VDC
Input Surge Current and Overload protection
Class I Insulation
Active Power Factor Correction
Operating temperature -20~70°C
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3131 and Molex 2478 series crimp terminal
Size: 3"x5"x1.18"
3 Year Warranty
Approvals:
Multi Output
Product Number
Output #1
Output #2
Output #3
Maximum Output Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STFA80-D00
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
80W
STFA80-D01
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
80W
STFA80-D02
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
80W
STFA80-D03
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
80W
STFA80-D04
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
64.6W
STFA80-D15
+5V
1.2A
12A
5%
-24V
0A
2A
5%
80W
STFA80-T00
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
-12V
0A
0.8A
5%
80W
STFA80-T00-1
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
+12V
0A
0.8A
5%
80W
STFA80-T01
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
-5V
0A
0.8A
5%
80W
STFA80-T01-1
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
+5V
0A
0.8A
5%
80W
STFA80-T02
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
-12V
0A
0.8A
5%
80W
STFA80-T02-1
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
+12V
0A
0.8A
5%
80W
STFA80-T03
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
-15V
0A
0.8A
5%
80W
STFA80-T03-1
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
+15V
0A
0.8A
5%
80W
STFA80-T04
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
-24V
0A
0.8A
5%
80W
STFA80-T04-1
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
+24V
0A
0.8A
5%
80W
STFA80-T05
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
-12V
0A
0.8A
5%
80W
STFA80-T05-1
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
+12V
0A
0.8A
5%
80W
STFA80-T06
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
-5V
0A
0.8A
5%
80W
STFA80-T06-1
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
+5V
0A
0.8A
5%
80W
STFA80-T07
+5V
1.2A
12A
5%
+10V
0.5A
5A
5%
-10V
0A
1.0A
5%
80W
STFA80-T07-1
+5V
1.2A
12A
5%
+10V
0.5A
5A
5%
+10V
0A
1.0A
5%
80W
STFA80-T08
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
-12V
0A
1.0A
5%
76.6W
STFA80-T08-1
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
-12V
0A
1.0A
5%
76.6W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.91
1.0
Output Power Range
Vin=90 to 264VAC
0
80
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
2.0
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
39
45
A
Efficiency
Io=Full Load, Vin=230VAC
82
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - STFA80-T08-1

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA80-T08-1 Vitec-STFA80-T08-1 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
STFA80-T08-1 Vitec-STFA80-T08-1 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA80-T08-1 Vitec-STFA80-T08-1 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results

Similar Description - STFA80-T08-1

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81-SERIES Vitec-SIFA81-SERIES Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81 Vitec-SIFA81 Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SMFA80-SERIES Vitec-SMFA80-SERIES Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
SMFA80 Vitec-SMFA80 Datasheet
374Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
STFA81-SERIES Vitec-STFA81-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com