Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFA151-S08 Datasheet(PDF) 1 Page - Vitec Power

Part # STFA151-S08
Description  150W Open Frame Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA151-S08 Datasheet(HTML) 1 Page - Vitec Power

  STFA151-S08 Datasheet HTML 1Page - Vitec Power STFA151-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STFA151 SERIES
150W Open Frame Power Supply for I.T. Equipment
Wide Input Voltage90 to 260 VAC, 47 to 63Hz
Single Output
Output voltage available from 9 to 48 VDC
Input Surge Current and Overload protection
Over Voltage Protection (Crowbar Design)
Class I Insulation
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3131and Molex 2478 series crimp terminal
Size: 3"x5"x1.4"
Synchronous Rectification
Active Power Factor Correction
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
STFA151-S04
9 VDC
16.0 A
5%
144W
STFA151-S05
12 VDC
12.5 A
5%
150W
STFA151-S06
15 VDC
10.0 A
5%
150W
STFA151-S07
18 VDC
8.33 A
4%
150W
STFA151-S08
24 VDC
6.25 A
3%
150W
STFA151-S09
30 VDC
5.00 A
2%
150W
STFA151-S10
36 VDC
4.17 A
2%
150W
STFA151-S11
48 VDC
3.13 A
2%
150W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.97
1.0
Output Power Range
Vin=90 to 264VAC
0
150
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
2.0
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.8
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
48
54
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
58
63
A
Efficiency
Io=Full Load, Vin=230VAC
85
88
90
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - STFA151-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA151-S08 Vitec-STFA151-S08 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
More results

Similar Description - STFA151-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA150-SERIES Vitec-STFA150-SERIES Datasheet
412Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA151-SERIES Vitec-STFA151-SERIES Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA150 Vitec-STFA150 Datasheet
412Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA100-SERIES Vitec-STFA100-SERIES Datasheet
436Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
STFA31-SERIES Vitec-STFA31-SERIES Datasheet
401Kb / 2P
   30W Open Frame Power Supply for I.T. Equipment
STFA61-SERIES Vitec-STFA61-SERIES Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA60-SERIES Vitec-STFA60-SERIES Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA58 Vitec-STFA58 Datasheet
368Kb / 2P
   60W Open Frame Power Supply for I.T. Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com