Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP213EHCA-L-TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP213EHCA-L-TR
Description  High Speed 5V High Performance RS232 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP213EHCA-L-TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP213EHCA-L-TR Datasheet HTML 6Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 7Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 8Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 9Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 10Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 11Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 12Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 13Page - Exar Corporation SP213EHCA-L-TR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SP207EHDS/08
SP207EH Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
10
R
RS
S and
and R
RV
V add up to 330
add up to 330
Ω ffor IEC1000-4-2.
or IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
Contact-Discharge Module
R
RV
V
R
RC
C
C
CS
S
R
RS
S
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
Figure 8. ESD Test Circuit for IEC1000-4-2
Figure 9. ESD Test Waveform for IEC1000-4-2
With the Air Discharge Method, an ESD voltage is
applied to the equipment under test (EUT) through
air. This simulates an electrically charged person
ready to connect a cable onto the rear of the system
only to find an unpleasant zap just before the
person touches the back panel. The high energy
potential on the person discharges through an
arcing path to the rear panel of the system before he
or she even touches the system. This energy,
whether discharged directly or through air, is
predominantly a function of the discharge current
rather than the discharge voltage. Variables with
an air discharge such as approach speed of the
object carrying the ESD potential to the system
and humidity will tend to change the discharge
current. For example, the rise time of the discharge
current varies with the approach speed.
The Contact Discharge Method applies the ESD
current directly to the EUT. This method was
devised to reduce the unpredictability of the ESD
arc. The discharge current rise time is constant
since the energy is directly transferred without the
air-gaparc. Insituationssuchashandheldsystems,
the ESD charge can be directly discharged to the
equipment from a person already holding the
equipment. The current is transferred on to the
keypad or the serial port of the equipment directly
andthentravelsthroughthePCBandfinallytotheIC.
The circuit model in Figures 7 and 8 represent the
typical ESD testing circuit used for all three
methods. The CS is initially charged with the DC
power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second
switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied
through RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under test
receives a duration of voltage.
t=0ns
t=30ns
0A
15A
30A
t ¥


Similar Part No. - SP213EHCA-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP213EHCA SIPEX-SP213EHCA Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
SP213EHCA SIPEX-SP213EHCA Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
More results

Similar Description - SP213EHCA-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
   3.3/5V, High-Speed RS-485/422 Transceivers with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com