Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM151X2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LM151X2
Description  Liquid Crystal Display
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM151X2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LM151X2 Datasheet HTML 3Page - NXP Semiconductors LM151X2 Datasheet HTML 4Page - NXP Semiconductors LM151X2 Datasheet HTML 5Page - NXP Semiconductors LM151X2 Datasheet HTML 6Page - NXP Semiconductors LM151X2 Datasheet HTML 7Page - NXP Semiconductors LM151X2 Datasheet HTML 8Page - NXP Semiconductors LM151X2 Datasheet HTML 9Page - NXP Semiconductors LM151X2 Datasheet HTML 10Page - NXP Semiconductors LM151X2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Revision Ver 1.0 October 14, 1998
Page 7/25
LM151X2
Liquid Crystal Display
Product Specification
Notes 1. Contrast Ratio (CR) is defined mathematically as:
(Surface Brightness with all white pixels)
(Surface Brightness with all black pixels)
Contrast ratio shall be measured at the center of the display (Location 1).
2. Average Brightness is the average of brightness value at location 1 to 5 with all pixels
displaying white.
B1 + B2 + B3 + B4 + B5
B(AVE) =
5
3. The variation in surface brightness, SBV is defined as :
Maximum (B1, B2, ....B13) - Minimum (B1, B2, ....B13)
Average (B1, B2, .... B5)
Where B1 to B13 are the brightness with all pixels displaying white at 13 locations.
256
512
20mm
20mm
192
384
576
( pixel)
5
4
3
13
12
11
10
9
8
7
6
2
1
768
4. The response time is defined as the following figure and shall be measured by switching
the input signal for ”black” and ”white”.
TrR
TrD
100
90
10
0
%
Optical
Response
white
black
white
×
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2


Similar Part No. - LM151X2

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM151 SEOUL-LM151 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM151 SEOUL-LM151 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM151 SEOUL-LM151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM151 SEOUL-LM151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM151 SEOUL-LM151 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM151X2

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com