Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3223EEA-L-TR Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3223EEA-L-TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223EEA-L-TR Datasheet(HTML) 1 Page - Exar Corporation

  SP3223EEA-L-TR Datasheet HTML 1Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 2Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 3Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 4Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 5Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 6Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 7Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 8Page - Exar Corporation SP3223EEA-L-TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
SP3223E/EB/EU
Intelligent +3.0V to +5.5V RS-232 Transceivers
FEATURES
• Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
• Interoperable with EIA/TIA-232 and
adheres to EIA/TIA-562 down to a +2.7V
power source
• AUTO ON-LINE® circuitry automatically
wakes up from a µA shutdown
• Minimum 250Kbps data rate under load
(EB)
•  Mbps data rate for high speed RS-232
(EU)
• Regulated Charge Pump Yields Stable
RS-232 Outputs Regardless of V
CC
Variations
• ESD Specifications:
+5KV Human Body Model
+5KV IEC6000-4-2 Air Discharge
+8KV IEC6000-4-2 Contact Discharge
DESCRIPTION
SELECTION TABLE
Now Available in Lead Free Packaging
V-
1
2
3
4
17
18
19
20
5
6
7
16
15
14
SHUTDOWN
C1+
V+
C1-
C2+
C2-
ONLINE
EN
R
1IN
GND
Vcc
T
1OUT
STATUS
8
9
10
11
12
13
R
2IN
R
2OUT
SP3223E
T
2OUT
T
1IN
T
2IN
R
1OUT
The
SP3223 products are RS-232 transceiver solutions intended for portable applications
such as notebook and hand held computers. These products use an internal high-efficiency,
charge-pump power supply that requires only 0.µF capacitors in 3.3V operation. This charge
pump and
Exar's driver architecture allow the SP3223 series to deliver compliant RS-232
performance from a single power supply ranging from +3.3V to +5.0V. The
SP3223 is a 2-
driver/2-receiver device ideal for laptop/notebook computer and PDA applications.
The AUTO ON-LINE® feature allows the device to automatically "wake-up" during a shut-
down state when an RS-232 cable is connected and a connected peripheral is turned on.
Otherwise, the device automatically shuts itself down drawing less than µA.
Device
Power
Supplies
RS- 232
Drivers
RS-232
Receivers
AUTO ON-LINE ®
TTL
3-state
Data Rate
(kbps)
SP3223E
+3.0V to +5.5V
2
2
YES
YES
20
SP3223EB +3.0V to +5.5V
2
2
YES
YES
250
SP3223EU +3.0V to +5.5V
2
2
YES
YES
000


Similar Part No. - SP3223EEA-L-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3223EEA-L EXAR-SP3223EEA-L Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEA-L/TR EXAR-SP3223EEA-L/TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3223EEA-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3238E SIPEX-SP3238E Datasheet
224Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com