Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMDS55N02 Datasheet(PDF) 1 Page - First Components International

Part # FMDS55N02
Description  25V N-Channel Enhancement-Mode MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMDS55N02 Datasheet(HTML) 1 Page - First Components International

  FMDS55N02 Datasheet HTML 1Page - First Components International FMDS55N02 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Specially Designed for DC/DC Converters and Motor Drivers
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
Maximum Ratings and Thermal Characteristics (T
A = 25
oC unless otherwise noted)
Symbol
Limit
Unit
VDS
25
VGS
+ 20
ID
55
IDM
350
TA = 25
oC
70
TA = 75
oC
42
TJ, Tstg
-55 to 150
oC
EAS
300
mJ
RθJC
1.8
Junction-to-Ambient Thermal Resistance (PCB mounted)
RθJA
40
Note: 1. Maximum DC current limited by the package
2. 1-in
2oz Cu PCB board
oC/W
Junction-to-Case Thermal Resistance
Parameter
V
A
W
Drain-Source Voltage
PD
Pulsed Drain Current
Avalanche Energy with Single Pulse
ID=50A, VDD=25V, L=0.5mH
Operating Junction and Storage Temperature Range
Continuous Drain Current
Gate-Source Voltage
Maximum Power Dissipation
TO-252 (D-PAK)
VDS= 25V
RDS(ON), Vgs@10V, Id@30A = 6mΩ
R
DS(ON),
Vgs@4.5V, Id@30A = 9mΩ
FMD
S55N25 25V N-Channel Enhancement-Mode MOSFET


Similar Part No. - FMDS55N02

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMDS55N03 FCI-FMDS55N03 Datasheet
123Kb / 2P
   30V N-Channel Enhancement-Mode MOSFET
More results

Similar Description - FMDS55N02

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
   25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
   25V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJ06N03D PANJIT-PJ06N03D Datasheet
145Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6676 PANJIT-PJ6676 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com