Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMF4N60 Datasheet(PDF) 2 Page - First Components International

Part # FMF4N60
Description  4A 600V N CHANNEL ISOLATED POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMF4N60 Datasheet(HTML) 2 Page - First Components International

  FMF4N60 Datasheet HTML 1Page - First Components International FMF4N60 Datasheet HTML 2Page - First Components International FMF4N60 Datasheet HTML 3Page - First Components International FMF4N60 Datasheet HTML 4Page - First Components International FMF4N60 Datasheet HTML 5Page - First Components International FMF4N60 Datasheet HTML 6Page - First Components International FMF4N60 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics ( TC = 25 °C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
600
-
-
V
Δ
BVDSS/
Δ
TJ
Breakdown Voltage Temperature
coefficient
ID = 250uA, referenced to 25 °C
-
0.6
-
V/°C
IDSS
Drain-Source Leakage Current
VDS = 600V, VGS = 0V
--
10
uA
VDS = 480V, TC = 125 °C
--
100
uA
IGSS
Gate-Source Leakage, Forward
VGS = 30V, VDS = 0V
--
100
nA
Gate-source Leakage, Reverse
VGS = -30V, VDS = 0V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
2.0
-
4.0
V
RDS(ON)
Static Drain-Source On-state Resis-
tance
VGS =10 V, ID = 2.0A
-2.0
2.5
Dynamic Characteristics
Ciss
Input Capacitance
VGS =0 V, VDS =25V, f = 1MHz
-
545
710
pF
Coss
Output Capacitance
-
60
80
Crss
Reverse Transfer Capacitance
-
811
Dynamic Characteristics
td(on)
Turn-on Delay Time
VDD =300V, ID =4.0A, RG =25Ω
(Note 4, 5)
-
10
30
ns
tr
Rise Time
-
35
80
td(off)
Turn-off Delay Time
-
45
100
tf
Fall Time
-
40
90
Qg
Total Gate Charge
VDS =480V, VGS =10V, ID =4.0A
(Note 4, 5)
-
15
20
nC
Qgs
Gate-Source Charge
-
2.8
-
Qgd
Gate-Drain Charge(Miller Charge)
-
6.2
-
Source-Drain Diode Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
IS
Continuous Source Current
Integral Reverse p-n Junction
Diode in the MOSFET
--
4.0
A
ISM
Pulsed Source Current
-
-
16
VSD
Diode Forward Voltage
IS =4.0A, VGS =0V
-
-
1.4
V
trr
Reverse Recovery Time
IS=4.0A, VGS=0V, dIF/dt=100A/us
-300
-
ns
Qrr
Reverse Recovery Charge
-
2.2
-
uC
NOTES
1. Repeativity rating : pulse width limited by junction temperature
2. L = 27.5mH, IAS =4.0A, VDD = 50V, RG = 25Ω , Starting TJ = 25°C
3. ISD ≤ 4.0A, di/dt ≤ 200A/us, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
5. Essentially independent of operating temperature.
FMF4N60 4A 600V N CHANNEL ISOLATED POWER MOSFET


Similar Part No. - FMF4N60

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMF10N65 FCI-FMF10N65 Datasheet
386Kb / 7P
   10Amps 650 Voltage N Channel MOSFET
FMF12N65 FCI-FMF12N65 Datasheet
378Kb / 7P
   12Amps 650 Voltage N Channel MOSFET
FMF13N50 FCI-FMF13N50 Datasheet
469Kb / 7P
   13Amps 500 Voltage N - Channel POWER MOSFET
logo
Power Integrations, Inc...
FMF750DC-66A POWERINT-FMF750DC-66A Datasheet
1Mb / 29P
   Gate Driver for 1.2 kV to 3.3 kV Half-Bridge Power Modules Electrical I/O Interface
June 2019
logo
First Components Intern...
FMF7N60 FCI-FMF7N60 Datasheet
2Mb / 7P
   7A 600V N CHANNEL ISOLATED POWER MOSFET
More results

Similar Description - FMF4N60

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60 UTC-4N60_11 Datasheet
376Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
   600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
   600V 4A N-Channel MOSFET
Revision:20170701-P1
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com