Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3238EEY-L Datasheet(PDF) 8 Page - Exar Corporation

Part # SP3238EEY-L
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3238EEY-L Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3238EEY-L Datasheet HTML 4Page - Exar Corporation SP3238EEY-L Datasheet HTML 5Page - Exar Corporation SP3238EEY-L Datasheet HTML 6Page - Exar Corporation SP3238EEY-L Datasheet HTML 7Page - Exar Corporation SP3238EEY-L Datasheet HTML 8Page - Exar Corporation SP3238EEY-L Datasheet HTML 9Page - Exar Corporation SP3238EEY-L Datasheet HTML 10Page - Exar Corporation SP3238EEY-L Datasheet HTML 11Page - Exar Corporation SP3238EEY-L Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3238E_100_020111
Receivers
The receivers convert +5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels. Re-
ceivers are High-Z when the AUTO ON-LINE®
circuitry is enabled or when in shutdown.
The SP3238E includes an additional non-in-
verting receiver with an output R
1OUT. R1OUT
is an extra output that remains active and
monitors activity while the other receiver
outputs are forced into high impedance.
This allows a Ring Indicator (RI) signal from a
peripheral to be monitored without forward
biasing the TTL/CMOS inputs of the other
devices connected to the receiver outputs.
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV. This
ensures that the receiver is virtually immune to
noisy transmission lines. Should an input be left
unconnected, an internal 5kΩ pulldown resistor
to ground will commit the output of the receiver
to a HIGH state.
Charge Pump
The charge pump is an Exar–patented design
(U.S. 5,306,954) and uses a unique approach
compared to older less–efficient designs.
The charge pump still requires four external
Figure 7. Loopback Test Circuit for RS-232 Driver
Data Transmission Rates
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical 5.5V
power supplies. The internal power supply
consists of a regulated dual charge pump that
provides output voltages 5.5V regardless of
the input voltage (V
CC) over the +3.0V to +5.5V
range. This is important to maintain compli-
ant RS-232 levels regardless of power supply
fluctuations.
Figure 9. Loopback Test results at 250Kbps
(All Drivers Fully Loaded)
Figure 8. Loopback Test results at 120kbps
(All Drivers Fully Loaded)
SP3238E
TxIN
TxOUT
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
LOGIC
INPUTS
VCC
5kΩ
RxIN
RxOUT
LOGIC
OUTPUTS
SHUTDOWN
GND
VCC
ONLINE
1000pF
0.1µF
0.1µF
0.1µF
0.1µF


Similar Part No. - SP3238EEY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3238EEY-L EXAR-SP3238EEY-L Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L EXAR-SP3238EEY-L Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L/TR EXAR-SP3238EEY-L/TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L/TR EXAR-SP3238EEY-L/TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results

Similar Description - SP3238EEY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com