Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243EEA-L Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3243EEA-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243EEA-L Datasheet(HTML) 3 Page - Exar Corporation

  SP3243EEA-L Datasheet HTML 1Page - Exar Corporation SP3243EEA-L Datasheet HTML 2Page - Exar Corporation SP3243EEA-L Datasheet HTML 3Page - Exar Corporation SP3243EEA-L Datasheet HTML 4Page - Exar Corporation SP3243EEA-L Datasheet HTML 5Page - Exar Corporation SP3243EEA-L Datasheet HTML 6Page - Exar Corporation SP3243EEA-L Datasheet HTML 7Page - Exar Corporation SP3243EEA-L Datasheet HTML 8Page - Exar Corporation SP3243EEA-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
3
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
C1 - C4 = 0.1µF. Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP. MAX. UNITS CONDITIONS
DRIVER OUTPUTS (continued)
Output Resistance
300
V
CC = V+ = V- = 0V, VOUT=+2V
Output Short-Circuit Current
+35
+60
mA
V
OUT = 0V
Output Leakage Current
+25
µA
V
CC = 0V or 3.0V to 5.5V, VOUT =
+12V, Drivers disabled
RECEIVER INPUTS
Input Voltage Range
-15
15
V
Input Threshold LOW
0.6
1.2
V
Vcc = 3.3V
Input Threshold LOW
0.8
1.5
V
Vcc = 5.0V
Input Threshold HIGH
1.5
2.4
V
Vcc = 3.3V
Input Threshold HIGH
1.8
2.4
V
Vcc = 5.0V
Input Hysteresis
0.3
V
Input Resistance
3
5
7
kΩ
AUTO ON-LINE® CIRCUITRY CHARACTERISTICS (ONLINE = GND, SHUTDOWN = VCC) 25°C
STATUS Output Voltage LOW
0.4
V
I
OUT = 1.6mA
STATUS Output Voltage HIGH
V
CC -0.6
V
I
OUT = -1.0mA
Receiver Threshold to Drivers
Enabled (t
ONLINE)
350
µs
Figure 14
Receiver Positive or Negative
Threshold to STATUS HIGH (t
STSH)
0.2
µs
Figure 14
Receiver Positive or Negative
Threshold to STATUS LOW (t
STSL)
30
µs
Figure 14
TIMING CHARACTERISTICS
Maximum Data Rate (U)
(H)
(B)
( - )
1000
460
250
120
Kbps
R
L = 3KΩ, CL = 250pF, one driver
active
R
L = 3KΩ, CL = 1000pF, one
driver active
R
L = 3KΩ, CL = 1000pF, one
driver active
R
L = 3KΩ, CL = 1000pF, one
driver active
Receiver Propagation Delay
t
PHL
t
PLH
0.15
0.15
µs
Receiver input to Receiver out-
put, C
L = 150pF
Receiver Output Enable Time
200
ns
Normal operation
Receiver Output Disable Time
200
ns
Normal operation
Driver Skew (E, EB)
(EH, EU)
100
50
500
100
ns
| t
PHL - tPLH |
Receiver Skew
50
ns
| t
PHL - tPLH |
Transition-Region Slew Rate
(EH, EU)
(E, EB)
6
90
30
V/µs
Vcc = 3.3V, R
L = 3kΩ, TAMB =
25°C, measurements taken from
-3.0V to +3.0V or +3.0V to -3.0V


Similar Part No. - SP3243EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EEA-L EXAR-SP3243EEA-L Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EEA-L EXAR-SP3243EEA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EEA-L/TR EXAR-SP3243EEA-L/TR Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243E EXAR-SP3243E Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBCA-L-TR EXAR-SP3243EBCA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com