Electronic Components Datasheet Search |
|
SP3243EUCA-L Datasheet(PDF) 8 Page - Exar Corporation |
|
SP3243EUCA-L Datasheet(HTML) 8 Page - Exar Corporation |
8 / 25 page 8 Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com SP3243E_102_060611 DESCRIPTION The SP3243E transceivers meet the EIA/TIA- 232andITU-TV.28/V.24communicationprotocols and can be implemented in battery-powered, portable, or hand-held applications such as notebook or palmtop computers. The SP3243E devices feature Exar's proprietary and patented (U.S.-- 5,306,954) on-board charge pump cir- cuitrythatgenerates±5.5VRS-232voltagelevels from a single +3.0V to +5.5V power supply. The SP3243EU devices can operate at a data rate of 1000kbps fully loaded. The SP3243E is a 3-driver/5-receiver device, ideal for portable or hand-held applications. The SP3243E includes one complementary always-active receiver that can monitor an external device (such as a modem) in shutdown. This aids in protecting the UART or serial controller IC by preventing forward biasing of the protection diodes where V CC may be disconnected. The SP3243E series is an ideal choice for power sensitive designs.The SP3243E devices feature AUTO ON-LINE® circuitry which reduces the power supply drain to a 1µA supply current. In many portable or hand-held applications, an RS-232cablecanbedisconnectedoraconnected peripheral can be turned off. Under these condi- tions,theinternalchargepumpandthedriverswill be shut down. Otherwise, the system automati- cally comes online. This feature allows design engineers to address power saving concerns without major design changes. THEORY OF OPERATION The SP3243E series is made up of four basic circuit blocks: 1. Drivers 2. Receivers 3. the Exar proprietary charge pump, and 4. AUTO ON-LINE® circuitry. Drivers The drivers are inverting level transmitters that convert TTL or CMOS logic levels to 5.0V EIA/ TIA-232 levels with an inverted sense relative to the input logic levels. Typically, the RS-232 output voltage swing is +5.4V with no load and +5V minimum fully loaded. The driver outputs are protected against infinite short-circuits to ground without degradation in reliability. These drivers comply with the EIA-TIA-232-F and all previous RS-232 versions. Unused drivers inputs should be connected to GND or V CC. The drivers have a minimum data rate of 250kbps (EB) or 1000kbps (EU) fully loaded. Figure 11 shows a loopback test circuit used to test the RS-232 Drivers. Figure 12 shows the test results where one driver was active at 1Mbps and all three drivers loaded with an RS-232 re- ceiver in parallel with a 250pF capacitor. Figure 13 shows the test results of the loopback circuit with all drivers active at 250kbps with typical RS-232loadsinparallelwith1000pFcapacitors.A superior RS-232 data transmission rate of 1Mbps makes the SP3243EU an ideal match for high speed LAN and personal computer peripheral applications. Figure 10. Interface Circuitry Controlled by Micropro- cessor Supervisory Circuit SP3243E 28 24 2 1 27 3 26 5KΩ 5KΩ 5KΩ 5KΩ 5KΩ GND C1+ C1- C2+ C2- V+ V- VCC 14 13 12 20 19 18 17 16 15 0.1 µF 0.1 µF 0.1 µF + C2 C5 C1 + + C3 C4 + + 0.1 µF 0.1 µF 9 10 11 4 5 6 7 8 RS-232 OUTPUTS RS-232 INPUTS 23 22 21 VCC 25 T1IN R1OUT R 1 IN T2 OUT R2OUT T2IN T3IN T3 OUT T1OUT R2IN R3IN R4IN R5IN R2OUT R3OUT R4OUT R5OUT ONLINE SHUTDOWN STATUS UART or Serial µC µ P Supervisor IC TxD RTS DTR RxD CTS DSR DCD RI VCC VIN RESET |
Similar Part No. - SP3243EUCA-L |
|
Similar Description - SP3243EUCA-L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |