Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDA40-S03 Datasheet(PDF) 2 Page - Vitec Power

Part # SIDA40-S03
Description  40W Desktop Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA40-S03 Datasheet(HTML) 2 Page - Vitec Power

  SIDA40-S03 Datasheet HTML 1Page - Vitec Power SIDA40-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.1M
Hrs
Derate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: approx. 275g
(Exclude the input cord)
3.
Optional output connector.


Similar Part No. - SIDA40-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA40-S03 Vitec-SIDA40-S03 Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA40-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
MTDA40A Vitec-MTDA40A Datasheet
417Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA25B Vitec-SIDA25B Datasheet
389Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com