Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX3819M5-L-5-0-TR Datasheet(PDF) 8 Page - Exar Corporation

Part # SPX3819M5-L-5-0-TR
Description  500mA Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819M5-L-5-0-TR Datasheet(HTML) 8 Page - Exar Corporation

Back Button SPX3819M5-L-5-0-TR Datasheet HTML 4Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 5Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 6Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 7Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 8Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 9Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 10Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 11Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SPX3819
500mA Low-Noise LDO Voltage Regulator
© 2013-2016 Exar Corporation
8/12
Rev. 2.0.3
The SPX3819’s internal reference is available
through the BYP pin.
Figure 18 represents a SPX3819 standard
application circuit. The EN (enable) pin is pulled
high (>2.0V) to enable the regulator. To disable
the regulator, EN < 0.4V.
Fig. 18: Standard Application Circuit
The SPX3819 in Figure 19 illustrates a typical
adjustable output voltage configuration. Two
resistors (R1 and R2) set the output voltage.
The output voltage is calculated using the
formula:
VOUT = 1.235V x [1 + R1/R2]
R2 must be >10kΩ and for best results, R2
should be between 22kΩ and 47kΩ.
Fig. 19: Typical Adjustable Output Voltage Configuration


Similar Part No. - SPX3819M5-L-5-0-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819M5-L-5-0 SIPEX-SPX3819M5-L-5-0 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0 EXAR-SPX3819M5-L-5-0 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX3819M5-L-5-0/TR SIPEX-SPX3819M5-L-5-0/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0/TR EXAR-SPX3819M5-L-5-0/TR Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
More results

Similar Description - SPX3819M5-L-5-0-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com