Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDA130-S03 Datasheet(PDF) 1 Page - Vitec Power

Part # SIDA130-S03
Description  130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA130-S03 Datasheet(HTML) 1 Page - Vitec Power

  SIDA130-S03 Datasheet HTML 1Page - Vitec Power SIDA130-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA130 SERIES
130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
Wide Input Voltage 90 to 260 VAC, 47 to 63Hz
Single and Dual Output
Optional output connector plug
Output voltage available from 3 VDC to 55 VDC
Input Surge Current and Overload protection
Active Power Factor Correction
Option: Mounting Tab or Desktop
Long Hold Up Time (50ms)
Operating temperature -20~70°C
Class I Insulation
Cooling Fan Included
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIDA130-S01
3 - 5 VDC
30.00 - 18.00 A
7%
90W
SIDA130-S02
5 - 6 VDC
23.00 - 19.16 A
7%
115W
SIDA130-S03
6 - 8 VDC
21.60 - 16.25 A
7%
130W
SIDA130-S04
8 - 11 VDC
16.25 - 11.80 A
5%
130W
SIDA130-S05
11 - 13 VDC
11.80 - 10.00 A
5%
130W
SIDA130-S06
13 - 16 VDC
10.00 - 8.12 A
5%
130W
SIDA130-S07
16 - 21 VDC
8.12 - 6.19 A
5%
130W
SIDA130-S08
21 - 27 VDC
6.19 - 4.81 A
5%
130W
SIDA130-S09
27 - 33 VDC
4.81 - 3.93 A
5%
130W
SIDA130-S10
33 - 40 VDC
3.93 - 3.25 A
3%
130W
SIDA130-S11
40 - 50 VDC
3.25 - 2.60 A
3%
130W
SIDA130-S12
50 - 55 VDC
2.60 - 2.36 A
3%
130W
Multi Output
Product Number
Output #1
Output #2
Maximum Output Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
SIDA130-D00
+3.3V
4A
20A
7%
+12V
0A
2A
5%
90W
SIDA130-D01
+5V
4A
20A
7%
+12V
0A
2A
5%
120W
SIDA130-D01-1
+5V
2A
10A
5%
+12V
1A
5A
10%
110W
SIDA130-D02
+5V
4A
20A
7%
+15V
0A
2A
5%
120W
SIDA130-D03
+5V
4A
20A
7%
+24V
0.2A
2A
5%
120W
The model number of S01~S12 had been approved by CCC.


Similar Part No. - SIDA130-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA130-S03 Vitec-SIDA130-S03 Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
More results

Similar Description - SIDA130-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA130-SERIES Vitec-SIDA130-SERIES Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
STDA130 Vitec-STDA130 Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-SERIES Vitec-STDA130-SERIES Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA131-SERIES Vitec-STDA131-SERIES Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
SMDA130 Vitec-SMDA130 Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
SMDA130-SERIES Vitec-SMDA130-SERIES Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com