Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDA65-T04 Datasheet(PDF) 2 Page - Vitec Power

Part # STDA65-T04
Description  80W Desktop Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA65-T04 Datasheet(HTML) 2 Page - Vitec Power

  STDA65-T04 Datasheet HTML 1Page - Vitec Power STDA65-T04 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input
Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
80
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.9
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
1.5
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
26
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
48
55
A
Efficiency
Io=Full Load, Vin=230VAC
75
83
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load,
Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0 .5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
*
Note: The Ripple & Noise which is under 3.3VDC at 2% max
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: approx. 570~750g approx.
(Exclude the input cord)
3.
Optional output connector.


Similar Part No. - STDA65-T04

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STDA65-T04 Vitec-STDA65-T04 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-T04 Vitec-STDA65-T04 Datasheet
423Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
More results

Similar Description - STDA65-T04

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA80 Vitec-SIDA80 Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA65-SERIES Vitec-SIDA65-SERIES Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
STDA65 Vitec-STDA65 Datasheet
423Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIUA81-SERIES Vitec-SIUA81-SERIES Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA80-SERIES Vitec-SIUA80-SERIES Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA81 Vitec-SIUA81 Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com