Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX3819M5-L-5-0 Datasheet(PDF) 2 Page - Exar Corporation

Part # SPX3819M5-L-5-0
Description  500mA Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819M5-L-5-0 Datasheet(HTML) 2 Page - Exar Corporation

  SPX3819M5-L-5-0 Datasheet HTML 1Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 2Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 3Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 4Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 5Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 6Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 7Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 8Page - Exar Corporation SPX3819M5-L-5-0 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPX3819
500mA Low-Noise LDO Voltage Regulator
© 2013-2016 Exar Corporation
2/12
Rev. 2.0.3
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect
reliability.
VIN, EN .....................................................-20V to +20V
Storage Temperature.............................. -65°C to 150°C
Junction Temperature .......................................... 150°C
Power Dissipation ................................ Internally Limited
Lead Temperature (Soldering, 5 sec) ..................... 260°C
ESD Rating (HBM - Human Body Model) .................... 2kV
OPERATING RATINGS
Input Voltage Range VIN................................2.5V to 16V
Enable Pin EN ............................................... 0.0V to VIN
Junction Temperature Range ................. -40°C to +125°C
Thermal Resistance1.....................................................
θJA (SOT23-5)...............................................191°C/W
θJA (NSOIC-8)............................................128.4°C/W
θJA (DFN-8) ................................................... 59°C/W
Note 1: The maximum allowable power dissipation is a
function of maximum operating junction temperature,
TJ(max) the junction to ambient thermal resistance, and the
ambient θJA, and the ambient temperature TA. The
maximum allowable power dissipation at any ambient
temperature is given: PD(max) = (TJ(max)-TA)/θJA, exceeding
the maximum allowable power limit will result in excessive
die temperature; thus, the regulator will go into thermal
shutdown
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VIN = VOUT + 1V (VIN = VOUT + 1.2V for 1.2V option), IL = 100µA, CL =
1µF, VEN ≥ 2.5V, TA= TJ = 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Output Voltage Tolerance
-1
+1
%
-2
+2
Output Voltage Temperature
Coefficient
57
ppm/°C
Line Regulation
0.04
0.1
%/V
VIN = VOUT +1 to 16V and VEN ≤ 6V
0.2
• VIN = VEN = VOUT +1 ≤ 8V
0.2
VIN = VEN = VOUT +1 ≤16V
TA = 25°C to 85°C
Load Regulation
0.05
0.4
%
IL = 0.1mA to 500mA
Dropout Voltage (VIN-VOUT) 2
10
60
mV
IL = 100µA
80
125
175
IL = 50mA
250
180
350
IL = 150mA
450
340
550
IL = 500mA
700
Quiescent Current (IGND)
0.05
3
µA
VENABLE ≤ 0.4V
8
• VENABLE = 0.25V
Ground Pin Current (IGND)
90
150
µA
IL = 100µA
190
250
650
IL = 50mA
900
1.0
2.0
mA
IL = 150mA
2.5
6.5
25.0
IL = 500mA
30.0
Ripple Rejection (PSRR)
70
dB


Similar Part No. - SPX3819M5-L-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819M5-L-5-0 SIPEX-SPX3819M5-L-5-0 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0 EXAR-SPX3819M5-L-5-0 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX3819M5-L-5-0/TR SIPEX-SPX3819M5-L-5-0/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0/TR EXAR-SPX3819M5-L-5-0/TR Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
More results

Similar Description - SPX3819M5-L-5-0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com