Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C563KDRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C563KDRACTU
Description  Ceramic, Commercial-(CxxxxC), 0.056 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C563KDRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C563KDRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 7/19/2017 - f5c09dc0-baa0-4178-b9f9-78dd988eabc4
KEMET Part Number: C1210C563KDRACTU
(C1210C563KDRAC7800)
Ceramic, Commercial-(CxxxxC), 0.056 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
Dimensions
L
3.2mm +/-0.2mm
W
2.5mm +/-0.2mm
T
2.1mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1210
Description: SMD, MLCC, High Voltage,
Temperature Stable
Features: High Voltage
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.056 uF
Capacitance Tolerance: 10%
Voltage DC: 1000 VDC
Dielectric Withstanding
Voltage: 1,200 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 1.786 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C563KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C561J2GAC KEMET-C1210C561J2GAC Datasheet
82Kb / 4P
   CERAMIC CHIP CAPACITORS
C1210C561KGRACTU KEMET-C1210C561KGRACTU Datasheet
61Kb / 1P
   SMD Comm X7R HV, Ceramic, 560 pF, 10%, 2000 VDC, X7R, SMD, MLCC, High Voltage, Temperature Stable, 1210
C1210C562JBGACAUTO KEMET-C1210C562JBGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G HV, Ceramic, 5600 pF, 5%, 630 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
C1210C562JBGACTU KEMET-C1210C562JBGACTU Datasheet
66Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 5600 pF, /-5% Tol, 630 V, C0G, 1210 (3225 metric)
C1210C562KDRACTU KEMET-C1210C562KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 5600 pF, /-10% Tol, 1000 V, X7R, 1210 (3225 metric)
More results

Similar Description - C1210C563KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C103KDRACTU KEMET-C1210C103KDRACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C473KDRACTU KEMET-C1210C473KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C333KDRACTU KEMET-C1210C333KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C103JDRACTU KEMET-C1210C103JDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 5%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C472KDRACTU KEMET-C1210C472KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C2220C473KDRACTU KEMET-C2220C473KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 1,000 V, 2220, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C153KDRACTU KEMET-C1812C153KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.015 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C223KDRACTU KEMET-C1812C223KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C104KDRACTU KEMET-C1812C104KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C103KDRACTU KEMET-C1812C103KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com