Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMZ11KFH Datasheet(PDF) 2 Page - Rohm

Part # UMZ11KFH
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMZ11KFH Datasheet(HTML) 2 Page - Rohm

  UMZ11KFH Datasheet HTML 1Page - Rohm UMZ11KFH Datasheet HTML 2Page - Rohm UMZ11KFH Datasheet HTML 3Page - Rohm UMZ11KFH Datasheet HTML 4Page - Rohm UMZ11KFH Datasheet HTML 5Page - Rohm UMZ11KFH Datasheet HTML 6Page - Rohm UMZ11KFH Datasheet HTML 7Page - Rohm UMZ11KFH Datasheet HTML 8Page - Rohm UMZ11KFH Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UMZKFH Series
                                    Data sheet
Characteristic (Ta = 25ºC)
           
  
  
  
  
  
  
  
  
 
P/N
Symbol
Zener Voltage:VZ(V)
Reverse Current:IR(μA)
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
UMZ 3.6KFH
3.600
3.845
5.0
10.0
1.0
UMZ 3.9KFH
3.890
4.160
5.0
5.0
1.0
UMZ 4.3KFH
4.170
4.430
5.0
5.0
1.0
UMZ 4.7KFH
4.550
4.750
5.0
2.0
1.0
UMZ 5.1KFH
4.980
5.200
5.0
2.0
1.5
UMZ 5.6KFH
5.490
5.730
5.0
1.0
2.5
UMZ 6.2KFH
6.060
6.330
5.0
1.0
3.0
UMZ 6.8KFH
6.650
6.930
5.0
0.5
3.5
UMZ 7.5KFH
7.280
7.600
5.0
0.5
4.0
UMZ 8.2KFH
8.020
8.360
5.0
0.5
5.0
UMZ 9.1KFH
8.850
9.230
5.0
0.5
6.0
UMZ 10KFH
9.770
10.210
5.0
0.1
7.0
UMZ 11KFH
10.760
11.220
5.0
0.1
8.0
UMZ 12KFH
11.740
12.240
5.0
0.1
9.0
UMZ 13KFH
12.910
13.490
5.0
0.1
10.0
UMZ 15KFH
14.340
14.980
5.0
0.1
11.0
UMZ 16KFH
15.850
16.510
5.0
0.1
12.0
UMZ 18KFH
17.560
18.350
5.0
0.1
13.0
UMZ 20KFH
19.520
20.390
5.0
0.1
15.0
UMZ 22KFH
21.540
22.470
5.0
0.1
17.0
UMZ 24KFH
23.720
24.780
5.0
0.1
19.0
UMZ 27KFH
26.190
27.530
5.0
0.1
21.0
UMZ 30KFH
29.190
30.690
5.0
0.1
23.0
UMZ 33KFH
32.150
33.790
5.0
0.1
25.0
UMZ 36KFH
35.070
36.870
5.0
0.1
27.0
VZ test time is 40ms.
                     
Marking
 
P/N
Marking
P/N
Marking
UMZ 3.6KFH
5U
UMZ 12KFH
2L
UMZ 3.9KFH
5V
UMZ 13KFH
5B
UMZ 4.3KFH
5W
UMZ 15KFH
2M
UMZ 4.7KFH
5X
UMZ 16KFH
2N
UMZ 5.1KFH
5Y
UMZ 18KFH
2P
UMZ 5.6KFH
3V
UMZ 20KFH
2Q
UMZ 6.2KFH
5Z
UMZ 22KFH
2R
UMZ 6.8KFH
3X
UMZ 24KFH
2S
UMZ 7.5KFH
2E
UMZ 27KFH
2T
UMZ 8.2KFH
2H
UMZ 30KFH
2U
UMZ 9.1KFH
5E
UMZ 33KFH
2V
UMZ 10KFH
3Z
UMZ 36KFH
2W
UMZ 11KFH
2K
 
 
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
2/6
 
               
2017/01/12_Rev.002


Similar Part No. - UMZ11KFH

ManufacturerPart #DatasheetDescription
logo
Rohm
UMZ11KFH ROHM-UMZ11KFH Datasheet
2Mb / 10P
   Zener Diode
UMZ11KFH ROHM-UMZ11KFH Datasheet
2Mb / 10P
   Zener Diode
UMZ11KFH ROHM-UMZ11KFH Datasheet
2Mb / 10P
   Zener Diode
UMZ11KFH ROHM-UMZ11KFH Datasheet
2Mb / 10P
   Zener Diode
UMZ11KFH ROHM-UMZ11KFH Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - UMZ11KFH

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com