Electronic Components Datasheet Search |
|
MLW3013-06RA1C Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
MLW3013-06RA1C Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 7 page Series MLW Snap-in Miniature Rockers B110 B www.nkkswitches.com LED COLOR CODES & SPECIFICATIONS OPTIONAL BEZELS CAP TYPES & COLORS Single Element LED Resistor value calculation is shown in the Supplement. Color Red Yellow Green Maximum Forward Current I FM 30mA 30mA 30mA Typical Forward Current I F 20mA 20mA 20mA Forward Voltage V F 1.85V 2.0V 2.1V Maximum Reverse Voltage V RM 5V 5V 5V Current Reduction Rate Above 25°C ∆I F 0.40mA/°C 0.40mA/°C 0.40mA/°C Ambient Temperature Range –10°C ~ +50°C E AT622 LED C F RA AT405 Rocker AT438 Design Rocker T-13⁄4 Pilot Slide Base For Incandescent or Neon Lamps RB RC RD RE RF RG PA PB PC PD PE PF PG DB DC DD DF Material: Translucent Polycarbonate Standard Finish: Glossy Translucent Colored Filter Black Rocker/Paddle not for use with lamp Opaque Black Rocker Base LB LC LE LF AT4125 LED Rocker SB SC SE SF AT4127 Sculptured Rocker Material: Translucent Polycarbonate Standard Finish: Glossy Color Codes: Black White Red Orange Yellow Green A B C D E F Blue G 1A AT204 Standard Bezel .787” (20.0mm) Wide 1B 1C 1D 1F 1G 1H 1E 2A AT9201 Large Bezel .937” (23.8mm) Wide 2B 2C 2D 2F 2G 2H 2E Material: Polycarbonate Standard Finish: Glossy Material: Polycarbonate Standard Finish: Glossy DG (10.5) .413 (16.0) .630 (12.6) .496 (13.5) .531 (10.5) .413 (16.0) .630 (12.6) .496 (13.5) .531 Translucent Colored Diffuser and Opaque Black Rocker Base (25.0) .984 (15.6) .614 (15.6) .614 (4.0) .157 (16.0) .630 (12.6) .496 (10.5) .413 (13.5) .531 (16.0) .630 (15.5) .610 (11.5) .453 For LED (20.0) .787 (2.2) .087 (16.4) .646 (16.0) .630 (25.5) 1.004 (16.4) .646 (16.0) .630 (26.3) 1.035 (23.8) .937 (2.5) .098 AT426 Paddle (+) (-) |
Similar Part No. - MLW3013-06RA1C |
|
Similar Description - MLW3013-06RA1C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |