Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M150XN07 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M150XN07
Description  15.0??XGA Color TFT-LCD Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M150XN07 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M150XN07 Datasheet HTML 2Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 3Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 4Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 5Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 6Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 7Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 8Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 9Page - List of Unclassifed Manufacturers M150XN07 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
(C) Copyright
AU Optronics, Inc.
Feb.
2003 All Rights Reserved.
M150XN07
Ver0.1
6/28
No Reproduction and Redistribution Allowed.
2.0
General Description
This specification applies to the 15.0 inch Color TFT-LCD Module M150XN07.
The display supports the XGA (1024(H) x 768(V)) screen format and 262,144 colors (RGB 6-bits data).
All input signals are 1 Channel LVDS interface compatible.
This module does not contain an inverter card for backlight.
Features
-XGA 1024(H) x 768(V) resolution
-2 CCFLs (Cold cathode Fluorescent Lamp)
-High contrast ratio, high aperture ratio
-Wide viewing angle
-High-speed response
-Low power consumption
Application
Desktop monitors
2.1 Display Characteristics
The following items are characteristics summary on the table under 25 ℃ condition:
ITEMS
Unit
SPECIFICATIONS
Screen diagonal
[mm]
381 (15
”)
Outline dimension
[mm]
326.5 x 253.5 x 12.0 typ.
Display Area
[mm]
304.128 (H) x 228.096(38.1cm diagonal)
Resolution
1024(R,G,B x 3) x 768
Pixel Pitch
[mm]
0.297 x 0.297
Pixel Arrangement
R.G.B. Vertical Stripe
Display Mode
TN mode, Normally White
Typical white Luminance.
[cd/m
2]
250nit (typ) @8mA (note 1)
Brightness uniformity
80% typ. (note 2)
Luminance uniformity
1.7 max.(Note 3)
Crosstalk (at 60Hz)
1.2% max. (note 4)
Contrast Ratio
400 : 1 typ.
Support Colors
262,144 colors (6-bit for R,G,B)
Chromaticity(CIE1931)
White-x
0.313
White-y
0.329
Color Gamut
60% typ., of NTSC coverage
Viewing angle
60(left),60(right),40(up),60(down)
CR=10
Response Time
[msec]
16ms typ. (Tr +Tf)
Nominal Input Voltage VDD
[Volt]
+3.3 V
Power Consumption
(VDD line + CCFL line)
[Watt]
15 (typ.) @8mA (All Black Pattern)
Electrical Interface
LVDS (1 ch)
Frame rate
[Hz]
60Hz typ., 75Hz max.
Weight
[Grams]
1100 typ.
Mounting method
Side mounting
Surface treatment
Anti-glare, hard coating (3H)
Temperature Range
Operating
Storage (Shipping)
[
oC]
[
oC]
0 to +50
-20 to +60


Similar Part No. - M150XN07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
logo
List of Unclassifed Man...
M150XN07V2 ETC2-M150XN07V2 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
More results

Similar Description - M150XN07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150XN07V2 ETC2-M150XN07V2 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
N150X4-L05 ETC-N150X4-L05 Datasheet
131Kb / 29P
   TYPE 15.0 XGA COLOR TFT/LCD MODULE
logo
Interpoint Corporation ...
N150X4-L01 INTERPOINT-N150X4-L01 Datasheet
131Kb / 29P
   Engineering Specification Type 15.0 XGA Color TFT/LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
B150XG02V4 AUO-B150XG02V4 Datasheet
661Kb / 36P
   15.0inch XGA Color TFT-LCD Module
G150XG01V.0 AUO-G150XG01V.0 Datasheet
278Kb / 28P
   15.0inch XGA Color TFT-LCD Module
B141XG03 AUO-B141XG03 Datasheet
534Kb / 23P
   14.1 inch XGA Color TFT LCD Module
logo
Purdy Electronics Corpo...
ANDPSI104EA5S-HB-KIT PURDY-ANDPSI104EA5S-HB-KIT Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-4HB-KIT PURDY-ANDPSI104EA5S-4HB-KIT Datasheet
458Kb / 10P
   10.4??XGA Color p-Si TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com