Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1040-11I155.5200 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M1040-11I155.5200
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1040-11I155.5200 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M1040-11I155.5200 Datasheet HTML 1Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 2Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 3Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 4Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 5Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 6Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 7Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 8Page - Integrated Circuit Systems M1040-11I155.5200 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M1040 Datasheet Rev 0.1
3 of 12
Revised 11Nov2003
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.i cst. com ● tel (508) 852-5400
M1040
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
DETAILED BLOCK DIAGRAM
Figure 3: Detailed Block Diagram
PLL DIVIDER SELECTION TABLES
M and R Divider Look-Up Tables (LUT)
The MR_SEL2:0 pins select the feedback and reference
divider values M and R to enable adjustment of loop
bandwidth and jitter tolerance. The look-up is defined in
Table 3.
M1040 M/R Divider LUT
Table 3
provides example Fin and phase detector
frequencies with 155.52MHz VCSO devices
(e.g., M1040-11-155.5200). See “Ordering Information”
on pg. 12
.
General Guidelines for M and R Divider Selection
General guidelines for M/R divider selection (see
following pages for more detail):
A lower phase detector frequency should be used for
loop timing applications to assure PLL tracking,
especially during GR-253 jitter tolerance testing. The
recommended maximum phase detector frequency
for loop timing mode is 19.44MHz. The LOL pin should
not be used during loop timing mode.
When LOL is to be used for system health monitoring,
the phase detector frequency should be 5MHz or
greater. Low phase detector frequencies make LOL
overly sensitive, and higher phase detector
frequencies make LOL less sensitive.
The preceding guideline also applies when using the
AutoSwitch Mode, since AutoSwitch uses the LOL
output for clock fault detection.
Post-PLL Divider
The M1040 also features a post-PLL (P) divider for the
output clocks. It divides the VCSO frequency to produce
one of two selectable output frequencies (1/2 or 1/1 of
the VCSO frequency). That selected frequency appears
on both clock output pairs. The P_SEL pin selects the
value for the P divider.
Phase
Locked
Loop
(PLL)
M1040
SAW Delay Line
Phase
Shifter
VCSO
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
PLL
Phase
Detector
Loop Filter
Amplifier
External
Loop Filter
Components
MR_SEL2:0
R
Divider
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
M Divider
FOUT0
nFOUT0
P Divider
P_SEL
NBW
R
IN
R
IN
M / R Divider
LUT
DIF_REF1
nDIF_REF1
Auto
Ref Sel
0
1
LOL
Phase
Detector
REF_ACK
AUTO
INIT
LOL
FOUT1
nFOUT1
3
MR_SEL3:0
M Div R Div
Total
PLL
Ratio
Fin for
155.52MHz
VCSO (MHz)
Phase Det.
Freq. for
155.52MHz
VCSO (MHz)
0 0 0
8
1
8
19.44
19.44
0 0 1
64
8
8
19.44
2.43
0 1 0
2
1
2
77.76
77.76
0 1 1
16
8
2
77.76
9.72
1 0 0
1
1
1
155.52
155.52
1 0 1
8
8
1
155.52
19.44
1 1 0
Test Mode1
Note 1: Factory test mode; do not use.
N/A
N/A
N/A
1 1 1
2
8
0.25
622.08
77.76
Table 3: M1040 M/R Divider LUT
P_SEL
P Value
M1040-11-155.52
Output Frequency
(MHz)
1
2
77.76
0
1
155.52
Table 4: P Divider Selector Values and Frequencies


Similar Part No. - M1040-11I155.5200

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
M104 VECTRON-M104 Datasheet
133Kb / 4P
   Typical Applications
logo
List of Unclassifed Man...
M10477 ETC2-M10477 Datasheet
3Mb / 29P
   GPS RADIONOVA짰 RF Antenna Module
M10478 ETC2-M10478 Datasheet
5Mb / 30P
   GPS RADIONOVA짰 RF Antenna Module
More results

Similar Description - M1040-11I155.5200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com