Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLW3022-NRB1C Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MLW3022-NRB1C
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MLW3022-NRB1C Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  MLW3022-NRB1C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MLW3022-NRB1C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MLW3022-NRB1C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MLW3022-NRB1C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MLW3022-NRB1C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MLW3022-NRB1C Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MLW3022-NRB1C Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series MLW
Snap-in Miniature Rockers
B110
B
www.nkkswitches.com
LED COLOR CODES & SPECIFICATIONS
OPTIONAL BEZELS
CAP TYPES & COLORS
Single Element LED
Resistor value calculation is shown
in the Supplement.
Color
Red
Yellow
Green
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.85V
2.0V
2.1V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C
0.40mA/°C
0.40mA/°C
Ambient Temperature Range
–10°C ~ +50°C
E
AT622 LED
C
F
RA AT405 Rocker
AT438 Design Rocker
T-134 Pilot Slide Base
For Incandescent or Neon Lamps
RB
RC
RD
RE
RF
RG
PA
PB
PC
PD
PE
PF
PG
DB
DC
DD
DF
Material: Translucent Polycarbonate
Standard Finish: Glossy
Translucent Colored Filter
Black Rocker/Paddle not for use with lamp
Opaque Black Rocker Base
LB
LC
LE
LF
AT4125
LED Rocker
SB
SC
SE
SF
AT4127
Sculptured
Rocker
Material: Translucent Polycarbonate Standard Finish: Glossy
Color Codes:
Black
White
Red
Orange
Yellow
Green
A
B
C
D
E
F
Blue
G
1A
AT204 Standard Bezel .787” (20.0mm) Wide
1B
1C
1D
1F
1G
1H
1E
2A
AT9201 Large Bezel .937” (23.8mm) Wide
2B
2C
2D
2F
2G
2H
2E
Material: Polycarbonate Standard Finish: Glossy
Material: Polycarbonate Standard Finish: Glossy
DG
(10.5)
.413
(16.0)
.630
(12.6)
.496
(13.5)
.531
(10.5)
.413
(16.0)
.630
(12.6)
.496
(13.5)
.531
Translucent
Colored Diffuser
and Opaque Black
Rocker Base
(25.0)
.984
(15.6)
.614
(15.6)
.614
(4.0)
.157
(16.0)
.630
(12.6)
.496
(10.5)
.413
(13.5)
.531
(16.0)
.630
(15.5)
.610
(11.5)
.453
For LED
(20.0)
.787
(2.2)
.087
(16.4)
.646
(16.0)
.630
(25.5)
1.004
(16.4)
.646
(16.0)
.630
(26.3)
1.035
(23.8)
.937
(2.5)
.098
AT426 Paddle
(+)
(-)


Similar Part No. - MLW3022-NRB1C

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MLW3022-N NKK-MLW3022-N Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
MLW3022-N-RA-1A NKK-MLW3022-N-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
More results

Similar Description - MLW3022-NRB1C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com